Electronic Components Datasheet Search
  English  ▼

X  

D-M9BWMAPC Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 72Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 73Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 74Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 75Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 76Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 77Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 78Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 79Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
G 1/2
Tightening gland
Most sensitive position
(Applicable cable O.D.
ø6.8 to ø9.6)
Terminal conduit: D-A3 A
DIN terminal: D-A44A
1. Use cable whose O.D. is within the size in
the figure to maintain water resistant
performance.
2. After wiring, confirm that tightening gland
and all screws are tightened.
Precautions
Caution
Auto switch model
None
112
112
110
D-A33A
D-A34A
D-A44A
Lead wire
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 3) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
D-A3
A (With indicator light) Terminal conduit
Auto switch model
Applicable load
Load voltage
Load current range (2)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A44A (With indicator light) DIN terminal
Auto switch part model
Applicable load
Load voltage
Load current range
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A33A
PLC
24 VDC (3)
5 to 50 mA
e
None
2.4 V or less
D-A34A
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
200 VAC
5 to 12.5 mA
24 VDC (3)
5 to 50 mA
24 VDC (3)
5 to 50 mA
200 VAC
5 to 12.5 mA
D-A44A
Relay, PLC
100 VAC
5 to 25 mA
q
Built-in
2.4 V or less (Up to 20 mA)/3.5 V or less (Up to 50 mA)
Red LED illuminates when turned ON.
CE marking
Red LED illuminates when turned ON.
CE marking
Dimensions
D-A3
A
D-A44A
(mm)
Weight
(g)
Reed Auto Switch
Band Mounting Type
D-A33A/D-A34A/D-A44A
G1/2
Applicable cable O.D. ø6.8 to ø11.5
16
3
49.5
36
Most sensitive position
Tightening gland
1657
D-
D-
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com