Electronic Components Datasheet Search
  English  ▼

X  

167607 Datasheet(PDF) 10 Page - Eaton All Rights Reserved.

Part # 167607
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167607 Datasheet(HTML) 10 Page - Eaton All Rights Reserved.

Back Button 167607 Datasheet HTML 6Page - Eaton All Rights Reserved. 167607 Datasheet HTML 7Page - Eaton All Rights Reserved. 167607 Datasheet HTML 8Page - Eaton All Rights Reserved. 167607 Datasheet HTML 9Page - Eaton All Rights Reserved. 167607 Datasheet HTML 10Page - Eaton All Rights Reserved. 167607 Datasheet HTML 11Page - Eaton All Rights Reserved. 167607 Datasheet HTML 12Page - Eaton All Rights Reserved. 167607 Datasheet HTML 13Page - Eaton All Rights Reserved. 167607 Datasheet HTML 14Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
13
Surge Protection
Earthing/Equipotential Bonding
Description
Type Designation
Article No.
Units per package
Equipotential Bonding Bar PAS-7x16
7 x 2.5 - 16 mm2
PAS-7x16
107945
10 / 50
• For main equipotential bonding
• Earthing strip up to 30 x 3.5 / Round conductor 7 - 10 mm
SG07306
Earthing Bar for Antenna Lines PAS-HF-6
6 x HF-Cable shields
PAS-HF-6
107946
10 / 100
• Earthing conductor 6 - 25 mm2
—
—
SG07206
Earth Clips EBS
Tube Ø 1/8” - 1½”
Tube Ø 1/8” - 4”
EBS-210mm
107947
20 / 80
EBS-430mm
107948
20 / 80
• For copper and galvanized steel/stainless steel tubes
• Cross-section for connection 1 x 2.5 mm2 to 2 x 16 mm2
SG07406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com