Electronic Components Datasheet Search
  English  ▼

X  

167607 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # 167607
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167607 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  167607 Datasheet HTML 1Page - Eaton All Rights Reserved. 167607 Datasheet HTML 2Page - Eaton All Rights Reserved. 167607 Datasheet HTML 3Page - Eaton All Rights Reserved. 167607 Datasheet HTML 4Page - Eaton All Rights Reserved. 167607 Datasheet HTML 5Page - Eaton All Rights Reserved. 167607 Datasheet HTML 6Page - Eaton All Rights Reserved. 167607 Datasheet HTML 7Page - Eaton All Rights Reserved. 167607 Datasheet HTML 8Page - Eaton All Rights Reserved. 167607 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SPC-S-20/280/3
SPC-E-280
7
Surge Protection
SPD Class C
Max. Cont. Op. Volt. U
C In (8/20)µs
Type Designation
Article No.
Units per package
Surge arrester SPC-E
75VAC
15kA
130VAC
20kA
175VAC
20kA
280VAC
20kA
335VAC
20kA
385VAC
20kA
460VAC
20kA
580VAC
20kA
N-PE 260VAC
30kA
SPC-E-75
248148
12 / 120
SPC-E-130
248149
12 / 120
SPC-E-175
118920
12 / 120
SPC-E-280
248150
12 / 120
SPC-E-335
248151
12 / 120
SPC-E-385
248152
12 / 120
SPC-E-460
248153
12 / 120
SPC-E-580
248154
12 / 120
SPC-E-N/PE
248157
12 / 120
U1302
Plug-in surge arrester SPC-S
Insert 1-pole
Insert 75VAC
15kA
Insert 130VAC
20kA
Insert 175VAC
20kA
Insert 280VAC
20kA
Insert 335VAC
20kA
Insert 385VAC
20kA
Insert 460VAC
20kA
Insert 580VAC
20kA
Insert N-PE 260VAC 30kA
SPC-S-15/75
248158
4 / 120
SPC-S-20/130
248159
4 / 120
SPC-S-20/175
248160
4 / 120
SPC-S-20/280
248161
4 / 120
SPC-S-20/335
248162
4 / 120
SPC-S-20/385
248163
4 / 120
SPC-S-20/460
248164
4 / 120
SPC-S-20/580
248165
4 / 120
SPC-S-N/PE
248166
4 / 120
SG13109
Plug-in surge arrester SPC-S, 1- to 4-pole
Complete (2- and multi-pole surge arresters are supplied with busbar)
U1202
1-pole
130VAC
1x20kA
1-pole
175VAC
1x20kA
2-pole
175VAC
2x20kA
1-pole
280VAC
1x20kA
2-pole
280VAC
2x20kA
3-pole
280VAC
3x20kA
4-pole
280VAC
4x20kA
1-pole
335VAC
1x20kA
2-pole
335VAC
2x20kA
3-pole
335VAC
3x20kA
4-pole
335VAC
4x20kA
1-pole
385VAC
1x20kA
2-pole
385VAC
2x20kA
3-pole
385VAC
3x20kA
4-pole
385VAC
4x20kA
1-pole
460VAC
1x20kA
2-pole
460VAC
2x20kA
3-pole
460VAC
3x20kA
4-pole
460VAC
4x20kA
1-pole
580VAC
1x20kA
1+1p
–
–
3+1p
–
–
3+1p
–
–
SPC-S-20/130/1
248188
12 / 120
SPC-S-20/175/1
248189
12 / 120
SPC-S-20/175/2
248190
1 / 60
SPC-S-20/280/1
248172
12 / 120
SPC-S-20/280/2
248173
1 / 60
SPC-S-20/280/3
248174
1 / 40
SPC-S-20/280/4
248175
1 / 30
SPC-S-20/335/1
248176
12 / 120
SPC-S-20/335/2
248177
1 / 60
SPC-S-20/335/3
248178
1 / 40
SPC-S-20/335/4
248179
1 / 30
SPC-S-20/385/1
248180
12 / 120
SPC-S-20/385/2
248181
1 / 60
SPC-S-20/385/3
248182
1 / 40
SPC-S-20/385/4
248183
1 / 30
SPC-S-20/460/1
248184
12 / 120
SPC-S-20/460/2
248185
1 / 60
SPC-S-20/460/3
248186
1 / 40
SPC-S-20/460/4
248187
1 / 30
SPC-S-20/580/1
248191
12 / 120
SPC-S-1+1
248192
1 / 60
SPC-S-3+1
248193
1 / 30
SPC-S-3+N/PE
115795
1 / 30
Base 1- to 4-pole
Base 1-pole
Base 1+1 2-pole
Base 2-pole
Base 3-pole
Base 4-pole
Base 3+1 4-pole
SPC-S-S1
248167
12 / 120
SPC-S-S2-1+1
248201
6 / 60
SPC-S-S2
248168
6 / 60
SPC-S-S3
248169
4 / 40
SPC-S-S4
248170
3 / 30
SPC-S-S4-3+1
248171
3 / 30
SG14802
SPC-S-20/280
SPC-S-S4-3+1
PHASE OUT TYPE
PHASE OUT TYPE
PHASE OUT TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com