Electronic Components Datasheet Search
  English  ▼

X  

167607 Datasheet(PDF) 31 Page - Eaton All Rights Reserved.

Part # 167607
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167607 Datasheet(HTML) 31 Page - Eaton All Rights Reserved.

Back Button 167607 Datasheet HTML 27Page - Eaton All Rights Reserved. 167607 Datasheet HTML 28Page - Eaton All Rights Reserved. 167607 Datasheet HTML 29Page - Eaton All Rights Reserved. 167607 Datasheet HTML 30Page - Eaton All Rights Reserved. 167607 Datasheet HTML 31Page - Eaton All Rights Reserved. 167607 Datasheet HTML 32Page - Eaton All Rights Reserved. 167607 Datasheet HTML 33Page - Eaton All Rights Reserved. 167607 Datasheet HTML 34Page - Eaton All Rights Reserved. 167607 Datasheet HTML 35Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
30
Photovoltaic - Surge Protection
SPD-type T2 (Class C), Plug-in Surge Arresters SPPT2PA-...-2+1PE
• Field of application:
For the protection of photovoltaic systems against transient overvoltage
caused by indirect lightning stroke and switching operations.
• Test class
according to IEC 61643-1
• SPD-type
according to EN 61643-11
• Galvanic seperation in unearthed systems by means of a spark gap
• Types SPPT2PA-...-AX for remote message transmission of defective inserts
Connection diagrams
II
T2
SPPT2PA-...-2+1PE
Technical Data
SPPT2PA-600-2+1PE
SPPT2PA-1000-2+1PE(-AX)
Electrical
Responding time
L+ -> L- / L -> PE
≤ 25 ns / ≤ 100 ns
≤ 25 ns / ≤ 100 ns
Maximum continuous operating voltage U
C
600 V DC
1000 V DC
Rated frequency
DC
DC
Nominal discharge current I
n
15 kA (8/20) µs
15 kA (8/20) µs
Voltage protection level U
p
L+ -> L- / L -> PE
≤ 3 kV / ≤ 3 kV
≤ 5 kV / ≤ 3 kV
Residual voltage at 5 kA (8/20) µs
L+ -> L- / L -> PE
≤ 2.5 kV / ≤ 2 kV
≤ 4 kV / ≤ 2 kV
Maximum discharge current I
max
30 kA (8/20) µs
30 kA (8/20) µs
Permissible back-up fuse
–
–
Maximum short-circuit current I
sc
80 A
80 A
Residual current I
PE
≤ 20 µA
≤ 20 µA
Mechanical
Frame size
45 mm
45 mm
Device height
90 mm
90 mm (99 mm)
Device width
53.4 mm
53.4 mm
Weight
318 g
318 g (323 g)
Upper and lower lift terminal capacity
fine- / solid strand
4-25/4-35 mm2/AWG11-2
4-25/4-35 mm2/AWG11-2
Tightening torque of terminal screws
4.5 Nm
4.5 Nm
Permitted ambient temperature
-40°C up to +80°C
-40°C up to +80°C
Mounting
quick fastening on DIN rail IEC/EN 60715
Degree of protection
IP20
IP20
Polution degree
2
2
Dimensions (mm)
Auxiliary switch
Electrical
Rated insulation voltage
250 V
Rated frequency
50/60 Hz
Switching contact
1 CO
Minimum voltage per contact
5 V AC/DC
Rated operational current
1.5 A / 250 V AC
1.5 A / 30 V DC
Min. admissible power
5 mA / 5 V
Mechanical
Terminal capacity
fine- / solid strand
1.5/1.5 mm2/AWG28-16
Tightening torque
of terminal screws
0.25 Nm
Application hints according to EN 50539-12
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com