Electronic Components Datasheet Search
  English  ▼

X  

167607 Datasheet(PDF) 27 Page - Eaton All Rights Reserved.

Part # 167607
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167607 Datasheet(HTML) 27 Page - Eaton All Rights Reserved.

Back Button 167607 Datasheet HTML 23Page - Eaton All Rights Reserved. 167607 Datasheet HTML 24Page - Eaton All Rights Reserved. 167607 Datasheet HTML 25Page - Eaton All Rights Reserved. 167607 Datasheet HTML 26Page - Eaton All Rights Reserved. 167607 Datasheet HTML 27Page - Eaton All Rights Reserved. 167607 Datasheet HTML 28Page - Eaton All Rights Reserved. 167607 Datasheet HTML 29Page - Eaton All Rights Reserved. 167607 Datasheet HTML 30Page - Eaton All Rights Reserved. 167607 Datasheet HTML 31Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
26
Auxiliary Switch for (Lightning Current Arrester-)Surge Arrester ASAUXSC-SPM
• Field of application:
For mounting onto surge protective devices for external defect message
transmission
• Design basically in accordance with IEC 60947-5-1
• Can be mounted subsequently
• Suitable for SPBT12-280/1, SPCT2
Technical Data
Electrical
Rated insulation voltage
250 V
Rated frequency
50/60 Hz
Switching contact
1 NC + 1 NO
Minimum voltage per contact
24 VAC
Rated operational current AC12
2A/250VAC
Maximum back-up fuse
2 A gL
Overvoltage category
IV
Pollution degree
2
Mechanical
Frame size
45 mm
Device height
80 mm
Device width
8.8 mm
Weight
41 g
Mounting
screw-mounting
Degree of protection, built-in
IP40
Finger and hand touch safe acc. to
BGV A3, ÖVE-EN 6
Upper and lower terminals
lift terminals
Terminal capacity
2 x 2.5 mm2
Tightening torque
of terminal screws
0.8 - 1 Nm
Connection diagram
Dimensions (mm)
Surge Protection
Application Examples
21
13
22
14
ASAUXSC-SPM
SPCT2
SPCT2
SPCT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com