Electronic Components Datasheet Search
  English  ▼

X  

S71GS256 Datasheet(PDF) 137 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 137 Page - SPANSION

Back Button S71GS256 Datasheet HTML 133Page - SPANSION S71GS256 Datasheet HTML 134Page - SPANSION S71GS256 Datasheet HTML 135Page - SPANSION S71GS256 Datasheet HTML 136Page - SPANSION S71GS256 Datasheet HTML 137Page - SPANSION S71GS256 Datasheet HTML 138Page - SPANSION S71GS256 Datasheet HTML 139Page - SPANSION S71GS256 Datasheet HTML 140Page - SPANSION S71GS256 Datasheet HTML 141Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
137
Ad vance
Info rmat i o n
Figure 42. Page Mode READ
Table 38. Asynchronous READ Timing Parameters—Page Mode Operation
Symbol
70ns/80 MHz
85ns/66 MHz
Units
MinMax
MinMax
tAA
70
85
ns
tAPA
20
25
ns
tBA
70
85
ns
tBHZ
88
ns
tOLZ
tOE
tLZ
tBLZ
tBA
tHZ
tAA
High-Z
High-Z
tBHZ
tOHZ
Don't Care
Undefined
Legend:
tCBPH
tHZ
tCEW
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
A[22:0]
ADV#
CE#
LB#/UB#
OE#
WE#
DQ[15:0]
WAIT
tPC
tCEM
tCO
tRC
tCBPH
VALID ADDRESS
VIH
VIL
A[3:0]
VALID ADDRESS
VALID
ADDRESS
VALID
ADDRESS
VALID
ADDRESS
tAPA
tOH
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com