Electronic Components Datasheet Search
  English  ▼

X  

AD5398 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5398
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398 Datasheet(HTML) 4 Page - Analog Devices

  AD5398 Datasheet HTML 1Page - Analog Devices AD5398 Datasheet HTML 2Page - Analog Devices AD5398 Datasheet HTML 3Page - Analog Devices AD5398 Datasheet HTML 4Page - Analog Devices AD5398 Datasheet HTML 5Page - Analog Devices AD5398 Datasheet HTML 6Page - Analog Devices AD5398 Datasheet HTML 7Page - Analog Devices AD5398 Datasheet HTML 8Page - Analog Devices AD5398 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5398
Rev. A | Page 4 of 16
AC SPECIFICATIONS
VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, load resistance RL = 25 Ω connected to VDD, unless otherwise noted.
Table 2.
B Version1, 2
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Current Settling Time
250
μs
VDD = 5 V, RL = 25 Ω, LL = 680 μH
¼ scale to ¾ scale change (0x100 to 0x300)
Slew Rate
0.3
mA/μs
Major Code Change Glitch Impulse
0.15
nA-s
1 LSB change around major carry
Digital Feedthrough3
0.06
nA-s
1 Temperature range is as follows: B Version: –40°C to +85°C.
2 Guaranteed by design and characterization; not production tested.
3 See the Terminology section.
TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
B Version
Parameter1
Limit at TMIN, TMAX
Unit
Description
fSCL
400
kHz max
SCL clock frequency
t1
2.5
μs min
SCL cycle time
t2
0.6
μs min
tHIGH, SCL high time
t3
1.3
μs min
tLOW, SCL low time
t4
0.6
μs min
tHD,STA, start/repeated start condition hold time
t5
100
ns min
tSU,DAT, data setup time
t62
0.9
μs max
tHD,DAT, data hold time
0
μs min
t7
0.6
μs min
tSU,STA, setup time for repeated start
t8
0.6
μs min
tSU,STO, stop condition setup time
t9
1.3
μs min
tBUF, bus free time between a stop condition and a start condition
t10
300
ns max
tR, rise time of both SCL and SDA when receiving
0
ns min
May be CMOS driven
t11
250
ns max
tF, fall time of SDA when receiving
300
ns max
tF, fall time of both SCL and SDA when transmitting
20 + 0.1 Cb3
ns min
Cb
400
pF max
Capacitive load for each bus line
1 Guaranteed by design and characterization; not production tested.
2 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH MIN of the SCL signal) in order to bridge the undefined region of SCL’s
falling edge.
3 Cb is the total capacitance of one bus line in pF. tR and tF are measured between 0.3 VDD and 0.7 VDD.
SDA
t9
SCL
t3
t10
t11
t4
t4
t6
t2
t5
t7
t1
t8
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
Figure 2. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com