Electronic Components Datasheet Search
  English  ▼

X  

AD5398 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5398
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5398 Datasheet HTML 8Page - Analog Devices AD5398 Datasheet HTML 9Page - Analog Devices AD5398 Datasheet HTML 10Page - Analog Devices AD5398 Datasheet HTML 11Page - Analog Devices AD5398 Datasheet HTML 12Page - Analog Devices AD5398 Datasheet HTML 13Page - Analog Devices AD5398 Datasheet HTML 14Page - Analog Devices AD5398 Datasheet HTML 15Page - Analog Devices AD5398 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD5398
Rev. A | Page 13 of 16
APPLICATIONS
The AD5398 is designed to drive both spring preloaded and
nonspring linear motors used in applications such as lens auto-
focus, image stabilization, or optical zoom. The operation
principle of the spring preloaded motor is that the lens position
is controlled by the balancing of a voice coil and spring. Figure 20
shows the transfer curve of a typical spring preloaded linear
motor for autofocus. The key points of this transfer function are
displacement or stroke, which is the actual distance the lens
moves in mm, and the current through the motor in mA.
A start current is associated with spring preloaded linear
motors, which is effectively a threshold current that must be
exceeded for any displacement in the lens to occur. The start
current is usually 20 mA or greater; the rated stroke or
displacement is usually 0.25 mm to 0.4 mm; and the slope of
the transfer curve is approximately 10 μm/mA or less.
The AD5398 is designed to sink up to 120 mA, which is more
than adequate for available commercial linear motors or voice
coils. Another factor that makes the AD5398 the ideal solution
for these applications is the monotonicity of the device, which
ensures that lens positioning is repeatable for the application of
a given digital word.
Figure 21 shows a typical application circuit for the AD5398.
0.5
0.4
0.3
0.2
0.1
0
10
20
30
40
START
CURRENT
50
60
70
80
90
100
110
120
0
SINK CURRENT (mA)
Figure 20. Spring Preloaded Voice Coil Stroke vs. Sink Current
POWER-ON
RESET
3
7
2
6
4
1
POWER-DOWN
RESET
8
VOICE
COIL
ACTUATOR
RSENSE
3.3
Ω
I2C SERIAL
INTERFACE
10-BIT
CURRENT
OUTPUT DAC
REFERENCE
R
AD5398
5
SCL
SDA
I2C MASTER
DEVICE
I2C SLAVE
DEVICE
I2C SLAVE
DEVICE
RP
RP
VDD
VDD
VCC
0.1
μF
10
μF
+
0.1
μF
10
μF
+
Figure 21. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com