Electronic Components Datasheet Search
  English  ▼

X  

AD5398 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5398
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398 Datasheet(HTML) 3 Page - Analog Devices

  AD5398 Datasheet HTML 1Page - Analog Devices AD5398 Datasheet HTML 2Page - Analog Devices AD5398 Datasheet HTML 3Page - Analog Devices AD5398 Datasheet HTML 4Page - Analog Devices AD5398 Datasheet HTML 5Page - Analog Devices AD5398 Datasheet HTML 6Page - Analog Devices AD5398 Datasheet HTML 7Page - Analog Devices AD5398 Datasheet HTML 8Page - Analog Devices AD5398 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD5398
Rev. A | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, AGND = DGND = 0 V, load resistance RL = 25 Ω connected to VDD; all specifications TMIN to TMAX,
unless otherwise noted.
Table 1.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC PERFORMANCE
VDD = 3.6 V to 4.5 V; device operates over 2.7 V to 5.5 V with
reduced performance
Resolution
10
Bits
117 μA/LSB
Relative Accuracy2
±1.5
±4
LSB
Differential Nonlinearity2, 3
±1
LSB
Guaranteed monotonic over all codes
Zero Code Error2, 4
0
1
5
mA
All 0s loaded to DAC
Offset Error @ Code 162
0.5
mA
Gain Error2
±0.6
% of FSR
@ 25°C
Offset Error Drift4, 5
10
μA/ºC
Gain Error Drift2, 5
±0.2
±0.5
LSB/ºC
OUTPUT CHARACTERISTICS
Minimum Sink Current4
3
mA
Maximum Sink Current
120
mA
VDD = 3.6 V to 4.5 V; device operates over 2.7 V to 5.5 V but
specified maximum sink current might not be achieved
Output Current During PD
80
nA
PD = 1
Output Compliance5
0.6
VDD
V
Output voltage range over which max sink current is
available
Power-Up Time
20
μs
To 10% of FS, coming out of power-down mode; VDD = 5 V
LOGIC INPUTS (PD)5
Input Current
±1
μA
Input Low Voltage, VINL
0.8
V
VDD = 2.7 V to 5.5 V
Input High Voltage, VINH
0.7 VDD
V
VDD = 2.7 V to 5.5 V
Pin Capacitance
3
pF
LOGIC INPUTS (SCL, SDA)5
Input Low Voltage, VINL
−0.3
0.3 VDD
V
Input High Voltage, VINH
0.7 VDD
VDD + 0.3
V
Input Leakage Current IIN
±1
μA
VIN = 0 V to VDD
Input Hysteresis, VHYST
0.05 VDD
V
Digital Input Capacitance, CIN
6
pF
Glitch Rejection6
50
ns
Pulse width of spike suppressed
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode)
IDD specification is valid for all DAC codes.
VDD = 2.7 V to 5.5 V
VDD = 2.7 V to 4.5 V
2.5
2.3
4
3
mA
mA
VIH = VDD, VIL = GND, VDD = 5.5 V
VIH = VDD, VIL = GND, VDD = 4.5 V
IDD (Power-Down Mode)
0.5
1
μA
VIH = VDD, VIL = GND
1 Temperature range is as follows: B Version: –40°C to +85°C.
2 See the Terminology section.
3 Linearity is tested using a reduced code range: Codes 32 to 1023.
4 To achieve near zero output current, use the power-down feature.
5 Guaranteed by design and characterization; not production tested.
6 Input filtering on both the SCL and SDA inputs suppresses noise spikes that are less than 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com