Electronic Components Datasheet Search
  English  ▼

X  

XC9147 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 5Page - Torex Semiconductor XC9147 Datasheet HTML 6Page - Torex Semiconductor XC9147 Datasheet HTML 7Page - Torex Semiconductor XC9147 Datasheet HTML 8Page - Torex Semiconductor XC9147 Datasheet HTML 9Page - Torex Semiconductor XC9147 Datasheet HTML 10Page - Torex Semiconductor XC9147 Datasheet HTML 11Page - Torex Semiconductor XC9147 Datasheet HTML 12Page - Torex Semiconductor XC9147 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9/43
XC9147/XC9148
Series
■
ELECTRICAL CHARACTERISTICS (Continued)
Table 2. SPEC Table
NOMINAL
OUTPUT
VOLTAGE
VOUT
ILIM
<E-1>
<E-2>
<E-3>
<E-4>
<E-5>
<E-6>
UNITS
V
V
V
A
A
A
VOUT(T)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
1.8
1.764
1.800
1.836
-
1.28
3.10
1.9
1.862
1.900
1.938
-
1.47
3.10
2.0
1.960
2.000
2.040
-
1.65
3.10
2.1
2.058
2.100
2.142
-
1.81
3.10
2.2
2.156
2.200
2.244
-
1.95
3.10
2.3
2.254
2.300
2.346
-
2.07
3.10
2.4
2.352
2.400
2.448
-
2.17
3.10
2.5
2.450
2.500
2.550
-
2.26
3.10
2.6
2.548
2.600
2.652
-
2.32
3.10
2.7
2.646
2.700
2.754
-
2.37
3.10
2.8
2.744
2.800
2.856
-
2.40
3.10
2.9
2.842
2.900
2.958
-
2.41
3.10
3.0
2.940
3.000
3.060
1.52
2.42
3.10
3.1
3.038
3.100
3.162
1.52
2.42
3.10
3.2
3.136
3.200
3.264
1.52
2.42
3.10
3.3
3.234
3.300
3.366
1.53
2.42
3.10
3.4
3.332
3.400
3.468
1.53
2.42
3.10
3.5
3.430
3.500
3.570
1.54
2.42
3.10
3.6
3.528
3.600
3.672
1.54
2.42
3.10
3.7
3.626
3.700
3.774
1.54
2.42
3.10
3.8
3.724
3.800
3.876
1.55
2.42
3.10
3.9
3.822
3.900
3.978
1.55
2.42
3.10
4.0
3.920
4.000
4.080
1.55
2.42
3.10
4.1
4.018
4.100
4.182
1.56
2.42
3.10
4.2
4.116
4.200
4.284
1.56
2.42
3.10
4.3
4.214
4.300
4.386
1.57
2.42
3.10
4.4
4.312
4.400
4.488
1.57
2.42
3.10
4.5
4.410
4.500
4.590
1.57
2.42
3.10
4.6
4.508
4.600
4.692
1.58
2.42
3.10
4.7
4.606
4.700
4.794
1.58
2.42
3.10
4.8
4.704
4.800
4.896
1.58
2.42
3.10
4.9
4.802
4.900
4.998
1.59
2.42
3.10
5.0
4.900
5.000
5.100
1.59
2.42
3.10
5.1
4.998
5.100
5.202
1.59
2.42
3.10
5.2
5.096
5.200
5.304
1.60
2.42
3.10
5.3
5.194
5.300
5.406
1.60
2.42
3.10
5.4
5.292
5.400
5.508
1.61
2.42
3.10
5.5
5.390
5.500
5.610
1.61
2.42
3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com