Electronic Components Datasheet Search
  English  ▼

X  

XC9147 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 10Page - Torex Semiconductor XC9147 Datasheet HTML 11Page - Torex Semiconductor XC9147 Datasheet HTML 12Page - Torex Semiconductor XC9147 Datasheet HTML 13Page - Torex Semiconductor XC9147 Datasheet HTML 14Page - Torex Semiconductor XC9147 Datasheet HTML 15Page - Torex Semiconductor XC9147 Datasheet HTML 16Page - Torex Semiconductor XC9147 Datasheet HTML 17Page - Torex Semiconductor XC9147 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
14/43
XC9147/XC9148 Series
■
OPERATIONAL EXPLANATION
This IC consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase compensation circuit,
Nch driver FET, Pch synchronous switching FET and current limiter circuit.
XC9147/XC9148 J types
The main function of this IC is a current mode control step-up DC / DC converter that supports low ESR ceramic capacitors. By
adopting current mode control and increasing the oscillation frequency to a high frequency, the size of peripheral parts has been
reduced.
The current feedback circuit monitors the Nch driver FET’s turn-on current for each switching operation, and modulates the error
amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when a low ESR capacitor,
such as a ceramic capacitor, is used, ensuring stable output voltage.
Regarding to the parts required for operation, select the constants by referring to the part selection section. If a component that
is significantly different from this constant is used, proper phase compensation may not be obtained, and DC / DC may operate
unstable. Also, when using a capacitance other than a ceramic capacitor, use a low ESR capacitance. If a capacitor with a high
ESR is used, heat generation of the capacitor and unstable DC / DC operation may occur.
<
Driver configuration / Load disconnection control (parasitic diode control)>
A Pch FET is built-in on the High Side and an Nch FET is built-in on the Low Side.
In general Pch FETs, there is a parasitic diode with the source as the cathode and the drain as the anode, but the Pch FETs on
the High Side of the XC9147/XC9148 series control the polarity of the parasitic diode.
It is possible to disconnect the load between the input and output sides by controlling this parasitic diode during standby and
prevent reverse flow from the output side to the input side when external voltage is applied from the output side.
The control of the polarity of the parasitic diode depends on the types.
<
VDD MAX>
VDD MAX circuit compares the input voltage and the output voltage then it will select the higher one as the power supply for the
IC.
OSC
RAMP Wave
Generator
Phase
Compensation
Buffer
Driver
Vref with
Soft Start
Controller
Logic
Load disconnect
Controller
Error Amp.
PWM
comparator
CL
Discharge
CE
VOUT
GND
Lx
PWM/PFM
Controller Logic
BAT
VDD MAX
VOUT
VDD
VOUT
Current sense
Short-circuit protection
Latch Timer
UVLO
Thermal
Shutdown
RFB1
RFB2
FB
CFB
CE
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com