Electronic Components Datasheet Search
  English  ▼

X  

XC9147 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 15Page - Torex Semiconductor XC9147 Datasheet HTML 16Page - Torex Semiconductor XC9147 Datasheet HTML 17Page - Torex Semiconductor XC9147 Datasheet HTML 18Page - Torex Semiconductor XC9147 Datasheet HTML 19Page - Torex Semiconductor XC9147 Datasheet HTML 20Page - Torex Semiconductor XC9147 Datasheet HTML 21Page - Torex Semiconductor XC9147 Datasheet HTML 22Page - Torex Semiconductor XC9147 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
XC9147/XC9148
Series
■
OPERATIONAL EXPLANATION
<
Current Limit / Short Circuit Protection / Integral Latch>
The current limit function of this IC monitors the current flowing in the Nch driver (=coil current) for each switching cycle,
and when the current flowing through the Nch driver FET reached the current limit value ILIM (TYP. 2.42A @ VOUT (T)=5.0V), it will
be in the overcurrent detection state.
When the overcurrent detection state occurs, the Nch driver FET is turned off and the detection state is maintained during this
switching cycle. If the current flowing to the Nch driver FET is less than the current limit value ILIM in the next switching cycle, the
overcurrent detection state is released.
If the overcurrent detection state is continued or if there is a significant drop in output voltage, the short circuit protection
function and integral latch function are activated depending on the type.
The details of the operation for each type are as follows.
No short circuit protection/integral latch: XC9147 A/G types ,XC9148 A/B/C/G/H/M types
①
If the current flowing in the Nch driver FET reaches the current limit value ILIM, it will be in the overcurrent detection state.
The Nch driver FET turns off and remains off during this switching cycle.
②
In the next switching cycle, the Nch driver FET turns on.
If the overcurrent state continues and the current flowing to the Nch driver FET reaches the current limit value ILIM,
the overcurrent detection state is maintained.
③
If overcurrent state continues, ① and ② are repeated.
RLoad
VOUT
Coil
Current
0Ω
0A
ILIM
Current Limit State
Normal operation
VOUT(T)
0V
VBAT
IOUT
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com