Electronic Components Datasheet Search
  English  ▼

X  

XC9147 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9147 Datasheet HTML 1Page - Torex Semiconductor XC9147 Datasheet HTML 2Page - Torex Semiconductor XC9147 Datasheet HTML 3Page - Torex Semiconductor XC9147 Datasheet HTML 4Page - Torex Semiconductor XC9147 Datasheet HTML 5Page - Torex Semiconductor XC9147 Datasheet HTML 6Page - Torex Semiconductor XC9147 Datasheet HTML 7Page - Torex Semiconductor XC9147 Datasheet HTML 8Page - Torex Semiconductor XC9147 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3/43
XC9147/XC9148
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC9147①②③④⑤⑥-⑦ : PWM Control
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully EU RoHS compliant.
●
Selection guides
(*2)
A, G type is the standard type.
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
D
G
J
②③
Output Voltage
(A Type)
18 ~ 55
Output Voltage : e.g. VOUT=1.8V⇒②=1, ③=8
Output Voltage Range: 1.8V~5.5V (0.1V increments)
Output Voltage
(D/G/J Type)
22 ~ 55
Output Voltage : e.g. VOUT=2.5V⇒②=2, ③=5
Output Voltage Range: 2.2V~5.5V (0.1V increments)
④
Oscillation Frequency
C
1.2MHz
D
3.0MHz
⑤⑥-⑦(*1)
Packages (Order Unit)
PR-G
SOT-89-5 (1,000pcs/Reel)
ER-G
USP-6C (3,000pcs/Reel)
TYPE
Purpose
UVLO
CL
Discharge
Current
Limit
Short
Protection
Stand-by Options
at CE=”L”
A (*2)
Load Disconnection
-
Yes
Yes
(Without latch)
-
Complete
Output Disconnect
D
Yes
(With integral latch)
Yes
G (*2)
Yes
Yes
(Without latch)
-
J
Yes
(With integral latch)
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com