Electronic Components Datasheet Search
  English  ▼

X  

ICS91857 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS91857
Description  Value SSTL_2 Clock Driver (60MHz - 220MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91857 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS91857 Datasheet HTML 2Page - Renesas Technology Corp ICS91857 Datasheet HTML 3Page - Renesas Technology Corp ICS91857 Datasheet HTML 4Page - Renesas Technology Corp ICS91857 Datasheet HTML 5Page - Renesas Technology Corp ICS91857 Datasheet HTML 6Page - Renesas Technology Corp ICS91857 Datasheet HTML 7Page - Renesas Technology Corp ICS91857 Datasheet HTML 8Page - Renesas Technology Corp ICS91857 Datasheet HTML 9Page - Renesas Technology Corp ICS91857 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
ICS91857
0494C—08/15/05
Recommended Operating Condition for DDRI-400 (see note1)
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.6V ± 0.1V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
2.5
2.6
2.7
V
CLKT, CLKC, FB_INC
VDDQ/2 - 0.18
V
PD#
-0.3
0.7
V
CLKT, CLKC, FB_INC
VDDQ/2 + 0.18
V
PD#
1.7
VDDQ + 0.3
V
DC input signal voltage
(note 2)
-0.3
VDDQ
V
DC - CLKT, FB_INT
0.36
VDDQ + 0.6
V
AC - CLKT, FB_INT
0.7
VDDQ + 0.6
V
Output differential cross-
voltage (note 4)
VOX
VDDQ/2 - 0.15
VDDQ/2 + 0.15
V
Input differential cross-
voltage (note 4)
VIX
VDDQ/2 - 0.2
VDDQ/2 + 0.2
V
High level output
current
IOH
12
mA
Low level output current
IOL
-12
mA
Input slew rate
SR
14
V/ns
Operating free-air
temperature
TA
070
°C
Differential input signal
voltage (note 3)
VID
Low level input voltage
VIL
High level input voltage
VIH
Notes:
1.
Unused inputs must be held high or low to prevent them from floating.
2.
DC input signal voltage specifies the allowable DC execution of differential input.
3.
Differential inputs signal voltages specifies the differential voltage [VTR-VCP]
required for switching, where VT is the true input level and VCP is the
complementary input level.
4.
Differential cross-point voltage is expected to track variations of VCC and is the
voltage at which the differential signal must be crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com