Electronic Components Datasheet Search
  English  ▼

X  

ICS91857 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS91857
Description  Value SSTL_2 Clock Driver (60MHz - 220MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91857 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS91857 Datasheet HTML 1Page - Renesas Technology Corp ICS91857 Datasheet HTML 2Page - Renesas Technology Corp ICS91857 Datasheet HTML 3Page - Renesas Technology Corp ICS91857 Datasheet HTML 4Page - Renesas Technology Corp ICS91857 Datasheet HTML 5Page - Renesas Technology Corp ICS91857 Datasheet HTML 6Page - Renesas Technology Corp ICS91857 Datasheet HTML 7Page - Renesas Technology Corp ICS91857 Datasheet HTML 8Page - Renesas Technology Corp ICS91857 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ICS91857
0494C—08/15/05
Block Diagram
Value SSTL_2 Clock Driver (60MHz - 220MHz)
Pin Configuration
48-Pin TSSOP
Recommended Application:
Zero delay board fan-out memory modules
Product Description/Features:
•
Meets PC3200 specification for DDRI-400 support
•
Low skew, low jitter PLL clock driver
•
1 to 10 differential clock distribution (SSTL_2)
•
Feedback pins for input to output synchronization
•
PD# for power management
•
Spread Spectrum tolerant inputs
•
Auto PD when input signal removed
Switching Characteristics:
•
CYCLE - CYCLE jitter (>100MHz):<75ps
•
OUTPUT - OUTPUT skew: <100ps
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
A#
D
PT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LL
H
Z
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
LH
LZ
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
HL
HL
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
X)
z
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
Functionality
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
PD#
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
6.10 mm. Body, 0.50 mm. pitch TSSOP
GND
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
GND
CLKC2
CLKT2
VDD
VDD
CLK_INT
CLK_INC
VDD
AVDD
AGND
GND
CLKC3
CLKT3
VDD
CLKT4
CLKC4
GND
GND
CLKC5
CLKT5
VDD
CLKT6
CLKC6
GND
GND
CLKC7
CLKT7
VDD
PD#
FB_INT
FB_INC
VDD
FB_OUTC
FB_OUTT
GND
CLKC8
CLKT8
VDD
CLKT9
CLKC9
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS91857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91857 ICST-ICS91857 Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS91857YGLFT-LF-T ICST-ICS91857YGLFT-LF-T Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS91857YLLFT-LF-T ICST-ICS91857YLLFT-LF-T Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
More results

Similar Description - ICS91857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
logo
Alliance Semiconductor ...
ASM5CVF857 ALSC-ASM5CVF857 Datasheet
225Kb / 15P
2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
logo
Integrated Circuit Syst...
ICS91857 ICST-ICS91857 Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V157 RENESAS-ICS95V157 Datasheet
358Kb / 10P
2.5V Single-Ended to SSTL_2 Clock Driver (45MHz - 233MHz)
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com