Electronic Components Datasheet Search
  English  ▼

X  

ICS91857 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS91857
Description  Value SSTL_2 Clock Driver (60MHz - 220MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91857 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS91857 Datasheet HTML 4Page - Renesas Technology Corp ICS91857 Datasheet HTML 5Page - Renesas Technology Corp ICS91857 Datasheet HTML 6Page - Renesas Technology Corp ICS91857 Datasheet HTML 7Page - Renesas Technology Corp ICS91857 Datasheet HTML 8Page - Renesas Technology Corp ICS91857 Datasheet HTML 9Page - Renesas Technology Corp ICS91857 Datasheet HTML 10Page - Renesas Technology Corp ICS91857 Datasheet HTML 11Page - Renesas Technology Corp ICS91857 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
ICS91857
0494C—08/15/05
Switching Characteristics for DDRI-400
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
3.5
ns
High-to low level propagation
delay time
tPLL
1
CLK_IN to any output
3.5
ns
Output enable time
tEN
PD# to any output
3
ns
Output disable time
tdis
PD# to any output
3
ns
Period jitter
Tjit (per)
100 - 200 MHz
-50
50
ps
Half-period jitter
t(jit_hper)
100 - 200 MHz
-75
75
Input clock slew rate
t(sir_I)
14
V/ns
Output clock slew rate
t(sl_o)
12
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100 - 200 MHz
-75
75
ps
Static Phase Offset
t(spo)
3
-50
0
50
ps
Output to Output Skew
Tskew
75
ps
Pulse skew
Tskewp
100
ps
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
Switching characteristics guaranteed for application frequency range.
3.
Static phase offset shifted by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com