Electronic Components Datasheet Search
  English  ▼

X  

ICS91857 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS91857
Description  Value SSTL_2 Clock Driver (60MHz - 220MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91857 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS91857 Datasheet HTML 3Page - Renesas Technology Corp ICS91857 Datasheet HTML 4Page - Renesas Technology Corp ICS91857 Datasheet HTML 5Page - Renesas Technology Corp ICS91857 Datasheet HTML 6Page - Renesas Technology Corp ICS91857 Datasheet HTML 7Page - Renesas Technology Corp ICS91857 Datasheet HTML 8Page - Renesas Technology Corp ICS91857 Datasheet HTML 9Page - Renesas Technology Corp ICS91857 Datasheet HTML 10Page - Renesas Technology Corp ICS91857 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS91857
0494C—08/15/05
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
Switching characteristics guaranteed for application frequency range.
3.
Static phase offset shifted by design.
Timing Requirements for DDRI-400
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.6V ± 0.1V
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.6V ± 0.1V
60
230
MHz
Application Frequency
Range
freqApp
2.6V ± 0.1V
95
220
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
100
µs
Switching Characteristics for DDR200/266/333
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
3.5
ns
High-to low level propagation
delay time
tPLL
1
CLK_IN to any output
3.5
ns
Output enable time
tEN
PD# to any output
3
ns
Output disable time
tdis
PD# to any output
3
ns
Period jitter
Tjit (per)
100 - 200 MHz
-75
75
ps
Half-period jitter
t(jit_hper)
100 - 200 MHz
-75
75
Input clock slew rate
t(sir_I)
14
V/ns
Output clock slew rate
t(sl_o)
12
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100 - 200 MHz
-75
75
ps
Static Phase Offset
t(spo)
3
-50
0
50
ps
Output to Output Skew
Tskew
100
ps
Pulse skew
Tskewp
100
ps
Timing Requirements for DDR200/266/333
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.5V ± 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.5V ± 0.2V @ 25°C
60
170
MHz
Application Frequency
Range
freqApp
2.5V ± 0.2V @ 25°C
95
170
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com