Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 1 Page - Texas Instruments

  OPA863 Datasheet HTML 1Page - Texas Instruments OPA863 Datasheet HTML 2Page - Texas Instruments OPA863 Datasheet HTML 3Page - Texas Instruments OPA863 Datasheet HTML 4Page - Texas Instruments OPA863 Datasheet HTML 5Page - Texas Instruments OPA863 Datasheet HTML 6Page - Texas Instruments OPA863 Datasheet HTML 7Page - Texas Instruments OPA863 Datasheet HTML 8Page - Texas Instruments OPA863 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
1 Features
• Wide-bandwidth
– Unity-gain bandwidth: 110-MHz (AV= 1 V/V)
– Gain-bandwidth product: 50-MHz
• Low power
– Quiescent current: 700-µA/ch (typical)
– Power down mode: 1.5-µA (maximum, VS= 3 V)
– Supply voltage: 2.7-V to 12.6-V
• Input voltage noise: 5.9-nV/√Hz
• Slew rate: 105-V/µs
• Rail-to-rail input and output
• HD2/HD3: –129 dBc/–138 dBc at 20 kHz (2-VPP)
• Operating temperature range:
–40°C to +125°C
• Additional features:
– Overload power limit
– Output short-circuit protection
• High-precision version: OPAx863A
2 Applications
• Low-power SAR and ΔΣ ADC driver
• ADC reference buffer
• Low-side current sensing
• Photodiode TIA interface
• Inductive sensing
• Ultrasonic flow meter
• Multifunction printer
• MDAC output buffer
• Gain and active filter stages
+
±
RF
VOUT
VCC
OPA x863
GND
To
ADC
±VBIAS
VEE
V
OUT = ID.RF
ID
CF
LED
Driver
LED
Photo-
Diode
+
±
+
±
RG
RG
RF
RSH
VREF
GND
To MCU/
ADC
To compar ato r
for faul t detection
Switchi ng
Circuit
ISH
VOUT
GND
VCC
OPA x863
Transimpedance Amplifier Circuit
Low-side Current Sensing
Application Circuits Using OPAx863
3 Description
The OPAx863 devices are low-power, unity-gain
stable, rail-to-rail input and output, voltage-feedback
operational amplifiers designed to operate over a
power-supply range of 2.7 V to 12.6 V. Consuming
only 700 µA per channel, the OPAx863 offers a gain-
bandwidth product of 50 MHz, slew rate of 105 V/µs
with a voltage noise density of 5.9 nV/√Hz.
The rail-to-rail input stage with 2.7-V supply operation
is useful in portable, battery-powered applications.
The rail-to-rail input stage is well-matched for gain-
bandwidth product and noise across the full input
common
‑mode voltage range, enabling excellent
performance with wide-input dynamic range. The
OPAx863 feature a power-down (PD) mode with a
PD quiescent current (IQ) of 1.5-µA (maximum) and
a turn-on or turn-off time within 6.5-µs using a 3-V
supply.
The OPAx863 includes overload power limiting to limit
the increase in IQ with saturated outputs, thereby
preventing excessive power dissipation in power-
conscious, battery-operated systems. The output
stage is short-circuit protected, making these devices
conducive to ruggedized environments.
Device Information(1)(2)
PART NUMBER
CHANNEL COUNT
PACKAGE
OPA863
Single
DBV (SOT-23, 5)
DBV (SOT-23, 6)
OPA2863
Dual
DGK (VSSOP, 8)
RUN (WQFN, 10)
D (SOIC, 8)
OPA4863
Quad
PW (TSSOP, 14)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
For related products, see Device Comparison
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M
10M
HD2, VOUT = 2 VPP
HD3, VOUT = 2 VPP
HD2, VOUT = 4 VPP
HD3, VOUT = 4 VPP
Distortion Performance in G = 1 V/V
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA863

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA863 TI-OPA863 Datasheet
786Kb / 24P
OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863 Datasheet
3Mb / 43P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA863 TI-OPA863 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA863 TI-OPA863 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
More results

Similar Description - OPA863

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
logo
Texas Instruments
OPA2863 TI-OPA2863 Datasheet
786Kb / 24P
OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863_V01 Datasheet
3Mb / 43P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
REVISED JULY 2021
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V05 Datasheet
2Mb / 49P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V06 Datasheet
2Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA2863-Q1 TI-OPA2863-Q1 Datasheet
1Mb / 31P
OPAx863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com