Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 18Page - Texas Instruments OPA863 Datasheet HTML 19Page - Texas Instruments OPA863 Datasheet HTML 20Page - Texas Instruments OPA863 Datasheet HTML 21Page - Texas Instruments OPA863 Datasheet HTML 22Page - Texas Instruments OPA863 Datasheet HTML 23Page - Texas Instruments OPA863 Datasheet HTML 24Page - Texas Instruments OPA863 Datasheet HTML 25Page - Texas Instruments OPA863 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
8.3 Feature Description
8.3.1 Input Stage
The OPAx863 include a rail-to-rail input stage. The main stage differential pair using PNP bipolar transistors
operates for common-mode input voltages from VS– – 0.2 V to VS+ – 1.6 V. The amplifier inputs transition into
the auxiliary stage using NPN transistors for common-mode input voltages from VS+ – 1.6 V till VS+ + 0.2 V. The
PNP and NPN input stages offer a gain-bandwidth product of 50 MHz and a voltage noise density of 6.3 nV/√Hz.
The offset voltage for the two input stages is matched to lie within the device specifications. The auxiliary NPN
input stage does not use the slew-boost circuit during large-signal transient response. The input bias current for
the PNP and NPN input stages is opposite in polarity, which adds an additional offset based on the values of
the gain-setting and feedback resistors. A common-mode input voltage transition between these input stages
causes a crossover distortion that must be considered in high-frequency applications requiring excellent linearity.
Limit the common-mode input voltage to VS+ – 1.6 V (maximum) for main-stage operation across process and
ambient temperature.
The OPAx863 are bipolar amplifiers; therefore, the two inputs are protected with antiparallel back-to-back diodes
between the inputs, which limits the maximum input differential voltage to 1 V. The amplifier is slew limited,
and the two inputs are pulled apart up to 1 V when the antiparallel diodes begin to conduct in very fast input
or output transient conditions. Make sure to use gain-setting and feedback resistors large enough to limit the
current through these diodes in such conditions.
8.3.2 Output Stage
The OPAx863 feature a rail-to-rail output stage with possible signal swing from VS– + 0.2 V to VS+ – 0.2 V.
Violating the output headroom of either supply causes output signal clipping and introduces distortion.
The OPAx863 integrate an output short-circuit protection circuit that makes the device rugged for use in real-
world applications.
8.3.2.1 Overload Power Limit
The OPAx863 include overload power limiting that limits the increase in device quiescent current with output
saturated to either of the supplies. Typically, when an amplifier output saturates, the two inputs are pulled
apart, which can enable the slew-boost circuit. The input differential voltage is an error voltage in negative
feedback that the amplifier core nullifies by engaging the slew-boost circuit and driving the output stage deeper
into saturation. After the input to an amplifier attains a value large enough to saturate the output, any further
increase in this input excitation results in a finite input differential voltage. As the output stage transistor is
pushed deeper into saturation, the base-to-collector current gain (hFE) drops with an increase in the base and
collector current, and an increase in the device quiescent current. This increase in quiescent current can cause
a catastrophic failure in multichannel, high-gain, high-density front-end designs, and reduce operating lifetime in
portable, battery-powered systems.
The OPAx863 overload power limiting includes an intelligent output saturation-detection circuit that limits the
device quiescent current to 2.2-mA per channel under dc overload conditions. This increase in quiescent current
is smaller with ac input or output and output saturation duration for only a fraction of the overall signal time
period. Table 8-1 compares the increase in quiescent current with 50
‑mV input overdrive for OPAx863 devices
and other voltage-feedback amplifiers without overload power limit.
Table 8-1. Quiescent Current With Saturated Outputs
DEVICE
INPUT DIFFERENTIAL
VOLTAGE
QUIESCENT CURRENT
DURING OVERLOAD
INCREASE IN IQ
FROM STEADY-STATE
CONDITION
OPAx863 with overload power limit
50 mV
1.1 mA
1.57 ×
Competitor amplifier without overload power limit
50 mV
1.96 mA
3.43 ×
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com