Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 7Page - Texas Instruments OPA863 Datasheet HTML 8Page - Texas Instruments OPA863 Datasheet HTML 9Page - Texas Instruments OPA863 Datasheet HTML 10Page - Texas Instruments OPA863 Datasheet HTML 11Page - Texas Instruments OPA863 Datasheet HTML 12Page - Texas Instruments OPA863 Datasheet HTML 13Page - Texas Instruments OPA863 Datasheet HTML 14Page - Texas Instruments OPA863 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
7.8 Electrical Characteristics: VS = 3 V (continued)
at VS+ = 3 V, VS– = 0 V, G = 1, RF = 0 Ω for G =1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ connected to
1 V, input and output VCM = 1 V, and TA ≅ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VOL
Output voltage, low
TA ≅ 25°C
VS–+ 0.13
VS–+ 0.15
V
TA = –40°C to +125°C
VS–+ 0.13
VS–+ 0.16
VOH
Output voltage, high
TA ≅ 25°C
VS+–0.15
VS+–0.13
V
TA = –40°C to +125°C
VS+–0.15
VS+–0.13
Linear output drive (sourcing/
sinking)
VOUT = ±0.7 V, ΔVOS < 1 mV
OPA863 and OPA2863(1)
23
33
mA
Short-circuit current
45
mA
POWER SUPPLY
IQ
Quiescent current per amplifier
TA ≅ 25°C
690
910
µA
TA = –40°C to +125°C
1180
PSRR
Power-supply rejection ratio
ΔVS = ±1 V(2)
100
120
dB
POWER DOWN (Pin Must be Driven)
Enable voltage threshold
Specified on above VS+ – 0.5 V
2.5
V
Disable voltage threshold
Specified off below VS+ – 1.5 V
1.5
V
Power-down quiescent current per
channel
PD ≤ VS+ – 1.5 V
0.8
1.5
µA
Power-down pin bias current
1
50
nA
Turn-on time delay
6.5
µs
Turn-off time delay
5
µs
AUXILIARY INPUT STAGE
Gain-bandwidth product
50
MHz
Input voltage noise
Flatband, 1/f corner at 25 Hz
6
nV/√Hz
Input current noise
Flatband, 1/f corner at 100 Hz
0.4
pA/√Hz
Input-referred offset voltage
–1.3
±0.15
1.3
mV
Input bias current
TA ≅ 25°C
0.2
0.6
µA
TA = –40°C to +125°C
0.4
1.2
Common-mode rejection ratio
VCM = 2.1 V to 3.2 V
100
120
dB
Power supply rejection ratio
ΔVS = ±0.6 V
100
115
dB
(1)
Change in input offset voltage from no-load condition.
(2)
Change in supply voltage from the default test condition with only one of the positive or negative supplies changing corresponding to
+PSRR and –PSRR.
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com