Electronic Components Datasheet Search
  English  ▼

X  

ICS951402 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS951402
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951402 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS951402 Datasheet HTML 1Page - Renesas Technology Corp ICS951402 Datasheet HTML 2Page - Renesas Technology Corp ICS951402 Datasheet HTML 3Page - Renesas Technology Corp ICS951402 Datasheet HTML 4Page - Renesas Technology Corp ICS951402 Datasheet HTML 5Page - Renesas Technology Corp ICS951402 Datasheet HTML 6Page - Renesas Technology Corp ICS951402 Datasheet HTML 7Page - Renesas Technology Corp ICS951402 Datasheet HTML 8Page - Renesas Technology Corp ICS951402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
Serial Configuration Command Bitmap
FS4 FS3 FS2 FS1 FS0
00
00
0
100.00
100.00
66.67
33.33
14.318
48.008
0
0
0
0
1
133.34
133.34
66.67
33.33
14.318
48.008
0
0
0
1
0
200.01
200.01
66.67
33.33
14.318
48.008
0
0
0
1
1
166.65
166.65
66.66
33.33
14.318
48.008
0
0
1
0
0
100.00
133.34
66.67
33.33
14.318
48.008
0
0
1
0
1
133.34
100.00
66.67
33.33
14.318
48.008
0
0
1
1
0
133.16
166.45
66.58
33.29
14.318
48.008
0
0
1
1
1
166.45
133.16
66.58
33.29
14.318
48.008
0
1
0
0
0
105.00
105.00
70.00
35.00
14.318
48.008
0
1
0
0
1
140.00
140.00
70.00
35.00
14.318
48.008
0
1
0
1
0
66.67
66.67
66.67
33.33
14.318
48.008
0
1
0
1
1
175.00
175.00
70.00
35.00
14.318
48.008
0
1
1
0
0
109.99
109.99
73.33
36.66
14.318
48.008
0
1
1
0
1
146.65
146.65
73.33
36.66
14.318
48.008
0
1
1
1
0
210.00
210.00
70.00
35.00
14.318
48.008
01
11
1
183.27
183.27
73.31
36.65
14.318
48.008
1
0
0
0
0
99.51
99.51
66.34
33.17
14.318
48.008
1
0
0
0
1
132.68
132.68
66.34
33.17
14.318
48.008
1
0
0
1
0
199.02
199.02
66.34
33.17
14.318
48.008
1
0
0
1
1
165.85
165.85
66.34
33.17
14.318
48.008
1
0
1
0
0
99.51
132.68
66.34
33.17
14.318
48.008
1
0
1
0
1
132.68
99.51
66.34
33.17
14.318
48.008
1
0
1
1
0
132.59
165.73
66.29
33.15
14.318
48.008
10
1
1
1
165.73
132.59
66.29
33.15
14.318
48.008
1
1
0
0
0
99.39
99.39
66.26
33.13
14.318
48.008
1
1
0
0
1
132.51
132.51
66.26
33.13
14.318
48.008
1
1
0
1
0
198.77
198.77
66.26
33.13
14.318
48.008
1
1
0
1
1
165.64
165.64
66.25
33.13
14.318
48.008
1
1
1
0
0
99.39
132.51
66.26
33.13
14.318
48.008
1
1
1
0
1
132.51
99.39
66.26
33.13
14.318
48.008
1
1
1
1
0
132.36
165.45
66.18
33.09
14.318
48.008
11
11
1
165.45
132.36
66.18
33.09
14.318
48.008
3V66 MHz
PCI MHz
SDRAM
MHz
Down Spread -0.8%
SpreaD OFF
OR
Center spread +/-0.3%
Down Spread -0.6%
CPU MHz
REF MHz
USB/DOT
MHz
With Spread Enabled…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com