Electronic Components Datasheet Search
  English  ▼

X  

ICS951402 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951402
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951402 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951402 Datasheet HTML 1Page - Renesas Technology Corp ICS951402 Datasheet HTML 2Page - Renesas Technology Corp ICS951402 Datasheet HTML 3Page - Renesas Technology Corp ICS951402 Datasheet HTML 4Page - Renesas Technology Corp ICS951402 Datasheet HTML 5Page - Renesas Technology Corp ICS951402 Datasheet HTML 6Page - Renesas Technology Corp ICS951402 Datasheet HTML 7Page - Renesas Technology Corp ICS951402 Datasheet HTML 8Page - Renesas Technology Corp ICS951402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
Block Diagram
Pin Configuration
Recommended Application:
ATI chipset, P4 system, Banias system
Output Features:
•
2 - Pairs of differential CPUCLKs (differential current mode)
•
1 - SDRAM @ 3.3V
•
8 - PCI @3.3V (selectable 33/66 MHz) (2 free-running)
•
2 - AGP @ 3.3V
•
2- 48MHz, @3.3V fixed.
•
1- 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
•
3- REF @3.3V, 14.318MHz.
Features/Benefits:
•
Support for Intel Banias power management features
•
Programmable output frequency, divider ratios, output rise/
falltime, output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Supports spread spectrum for EMI reduction; default is
spread spectrum ON.
Programmable Timing Control Hub™ for P4™ processor
* These inputs have a 120K pull up to VDD.
** These inputs have a 120K pull down to GND.
48-Pin TSSOP & SSOP
Power Groups
VDDCPU = CPU
VDDPCI = PCICLK_F, PCICLK
VDDSD = SDRAM
AVDD48 = 48MHz, 24MHz, fixed PLL
AVDD = Analog Core PLL
VDDAGP= AGP
VDDREF = Xtal, REF
Skew Requirements
VDDREF 1
48 VDDSDR
FS0/REF0 2
47 SDRAM_OUT
FS1/REF1 3
46 GNDSDR
FS2/REF2 4
45 CPU_STOP#*
GNDREF 5
44 CPUCLKT1
X1 6
43 CPUCLKC1
X2 7
42 VDDCPU
GND 8
41 GNDCPU
VDD 9
40 CPUCLKT0
*VttPWR_GD/PD# 10
39 CPUCLKC0
PCI66/33#_SEL 11
38 IREF
PCI_STOP#* 12
37 GND
VDDPCI 13
36 AVDD
FS3/PCICLK_F0 14
35 SCLK
FS4/PCICLK_F1 15
34 SDATA
PCICLK016
33GNDAGP
PCICLK117
32AGPCLK0
GNDPCI 18
31 AGPCLK1
VDDPCI 19
30 VDDAGP
PCICLK220
29AVDD48
PCICLK321
2848MHz_0
PCICLK422
2748MHz_1
PCICLK5 23
26 24_48MHz/SEL24_48#MHz**
GNDPCI 24
25 GND48
PCI-PCI
<±350ps
AGP-AGP
<±350ps
CPU-AGP
<±500ps
CPU-PCI
<±500ps
CPU-SDRAM
<±1ns
AGP-PCI
AGP leading
<±1ns
I REF
CPU
DIVDER
PLL2
PLL1
Spread
Spectrum
48MHz (0:1)
24_48MHz
PCICLK (5:0)
AGP (1:0)
PCICLK_F (1:0)
2
2
1
6
3
X1
X2
XTAL
OSC
SDRAM
SDRAM_OUT
PCI
DIVDER
Stop
SDATA
SCLK
FS (4:0)
PD#
PCI_STOP#
CPU_STOP#
PD#/Vtt_PWRGD
PCI66/33#SEL
24_48SEL#
Control
Logic
Config.
Reg.
/ 2
REF (2:0)
AGP
DIVDER
Stop
2
2
CPUCLKT (1:0)
CPUCLKC (1:0)


Similar Part No. - ICS951402

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS951402YFLF-T ICST-ICS951402YFLF-T Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS951402YGLF-T ICST-ICS951402YGLF-T Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
More results

Similar Description - ICS951402

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com