Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS952607 Datasheet HTML 1Page - Renesas Technology Corp ICS952607 Datasheet HTML 2Page - Renesas Technology Corp ICS952607 Datasheet HTML 3Page - Renesas Technology Corp ICS952607 Datasheet HTML 4Page - Renesas Technology Corp ICS952607 Datasheet HTML 5Page - Renesas Technology Corp ICS952607 Datasheet HTML 6Page - Renesas Technology Corp ICS952607 Datasheet HTML 7Page - Renesas Technology Corp ICS952607 Datasheet HTML 8Page - Renesas Technology Corp ICS952607 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—07/26/05
Table continued on next page.
Table1: QuadRom Frequency Selection Table (Continued)
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4 FS3 FS2 FS1 FS0
MHz
MHz
MHz
%
0
100
000
103.00
68.66
34.33
No Spread
0
100
001
206.00
68.66
34.33
No Spread
0
100
010
137.33
68.66
34.33
No Spread
0
100
011
171.67
68.66
34.33
No Spread
0
1
0
0
1
0
0
228.89
68.66
34.33
No Spread
0
100
101
412.00
68.66
34.33
No Spread
0
100
110
274.67
68.66
34.33
No Spread
0
100
111
343.33
68.66
34.33
No Spread
0
101
000
105.00
69.99
35.00
No Spread
0
101
001
210.00
69.99
35.00
No Spread
0
101
010
140.00
69.99
35.00
No Spread
0
101
011
175.00
69.99
35.00
No Spread
0
101
100
233.33
69.99
35.00
No Spread
0
101
101
420.00
69.99
35.00
No Spread
0
101
110
280.00
69.99
35.00
No Spread
0
101
111
350.00
69.99
35.00
No Spread
0
1
1
0
0
0
0
107.00
71.33
35.66
No Spread
0
110
001
214.00
71.33
35.66
No Spread
0
110
010
142.66
71.33
35.66
No Spread
0
110
011
178.34
71.33
35.66
No Spread
0
110
100
237.78
71.33
35.66
No Spread
0
110
101
428.00
71.33
35.66
No Spread
0
110
110
285.34
71.33
35.66
No Spread
0
110
111
356.66
71.33
35.66
No Spread
0
111
000
110.00
73.33
36.66
No Spread
0
111
001
220.00
73.33
36.66
No Spread
0
111
010
146.66
73.33
36.66
No Spread
0
111
011
183.34
73.33
36.66
No Spread
0
111
100
244.44
73.33
36.66
No Spread
0
111
101
440.00
73.33
36.66
No Spread
0
111
110
293.34
73.33
36.66
No Spread
0
111
111
366.66
73.33
36.66
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com