Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS952607 Datasheet HTML 3Page - Renesas Technology Corp ICS952607 Datasheet HTML 4Page - Renesas Technology Corp ICS952607 Datasheet HTML 5Page - Renesas Technology Corp ICS952607 Datasheet HTML 6Page - Renesas Technology Corp ICS952607 Datasheet HTML 7Page - Renesas Technology Corp ICS952607 Datasheet HTML 8Page - Renesas Technology Corp ICS952607 Datasheet HTML 9Page - Renesas Technology Corp ICS952607 Datasheet HTML 10Page - Renesas Technology Corp ICS952607 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—07/26/05
Table1: QuadRom Frequency Selection Table 4 (Continued)
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4 FS3 FS2 FS1 FS0
MHz
MHz
MHz
%
1
100
000
115.00
76.66
38.33
No Spread
1
100
001
230.00
76.66
38.33
No Spread
1
100
010
153.33
76.66
38.33
No Spread
1
100
011
191.67
76.66
38.33
No Spread
1
1
0
0
1
0
0
255.55
76.66
38.33
No Spread
1
100
101
460.00
76.66
38.33
No Spread
1
100
110
306.67
76.66
38.33
No Spread
1
100
111
383.33
76.66
38.33
No Spread
1
101
000
115.00
79.99
40.00
No Spread
1
101
001
230.00
79.99
40.00
No Spread
1
101
010
153.33
79.99
40.00
No Spread
1
101
011
191.67
79.99
40.00
No Spread
1
101
100
255.55
79.99
40.00
No Spread
1
101
101
460.00
79.99
40.00
No Spread
1
101
110
306.67
79.99
40.00
No Spread
1
101
111
383.33
79.99
40.00
No Spread
1
1
1
0
0
0
0
78.00
51.99
26.00
No Spread
1
110
001
156.00
51.99
26.00
No Spread
1
110
010
104.00
51.99
26.00
No Spread
1
110
011
130.00
51.99
26.00
No Spread
1
110
100
173.33
51.99
26.00
No Spread
1
110
101
312.00
51.99
26.00
No Spread
1
110
110
208.00
51.99
26.00
No Spread
1
110
111
260.00
51.99
26.00
No Spread
1
111
000
75.00
50.00
25.00
No Spread
1
111
001
150.00
50.00
25.00
No Spread
1
111
010
100.00
50.00
25.00
No Spread
1
111
011
125.00
50.00
25.00
No Spread
1
111
100
166.67
50.00
25.00
No Spread
1
111
101
300.00
50.00
25.00
No Spread
1
111
110
200.00
50.00
25.00
No Spread
1
111
111
250.00
50.00
25.00
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com