Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS952607 Datasheet HTML 1Page - Renesas Technology Corp ICS952607 Datasheet HTML 2Page - Renesas Technology Corp ICS952607 Datasheet HTML 3Page - Renesas Technology Corp ICS952607 Datasheet HTML 4Page - Renesas Technology Corp ICS952607 Datasheet HTML 5Page - Renesas Technology Corp ICS952607 Datasheet HTML 6Page - Renesas Technology Corp ICS952607 Datasheet HTML 7Page - Renesas Technology Corp ICS952607 Datasheet HTML 8Page - Renesas Technology Corp ICS952607 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—A07/26/05
Pin Configuration
Recommended Application:
CK409 Compliant clock for Next Gen P4 Processor
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential SRC pair
•
9 - PCI, 3 free running, 33MHz
•
3 - REF, 14.318MHz
•
3 - 3V66, 66.66MHz
•
1 - VCH/3V66, selectable 48MHz or 66MHz
•
2 - 48MHz
•
1 - 24/48MHz
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
QuadRom
TM frequency selection.
•
Programmable output frequency.
•
Programmable asynchronous 3V66&PCI frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system if system
malfunctions.
•
Programmable watch dog safe frequency.
•
Support I2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference input.
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
•
Supports CPU clks up to 400MHz
48-pin SSOP
Note: FS1 and FS0 are equal to Intel CK409-defined FSA and FSB,
respectively.
*FS1/REF0
1
48 VDDA
*FS0/REF1
2
47 GND
REF2
3
46 IREF
VDDREF
4
45 Reset#
X1
5
44 GND
X2
6
43 CPUCLKT1
GND
7
42 CPUCLKC1
**FS2/PCICLK_F0
8
41 VDDCPU
**FS4/PCICLK_F1
9
40 CPUCLKT0
PCICLK_F2
10
39 CPUCLKC0
VDDPCI
11
38 GND
GND
12
37 SRCCLKT
^^PCICLK0
13
36 SRCCLKC
PCICLK1
14
35 VDD
PCICLK2
15
34 VttPWR_GD/PD#
PCICLK3
16
33 SDATA
VDDPCI
17
32 SCLK
GND
18
31 3V66_0
PCICLK4
19
30 3V66_1
PCICLK5
20
29 GND
**Sel24_48#/24_48MHz
21
28 VDD3V66
**FS3/48MHz_0
22
27 3V66_2
48MHz_1
23
26 3V66_3/VCH
GND
24
25 VDD48
^^ An external 2.2K pull-down resistor is needed on this pin
* This pin have 120K pull-up to VDD
** This pin have 120K pull-down to GND
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
FS4 FS3 FS2 FS1 FS0
MHz
MHz
MHz
00
000
100.00
66.66
33.33
00
001
200.00
66.66
33.33
00
010
133.33
66.66
33.33
00
011
166.67
66.66
33.33
0
0
1
0
0
200.00
66.66
33.33
00
101
400.00
66.66
33.33
00
110
266.67
66.66
33.33
00
111
333.33
66.66
33.33
01
000
100.99
67.33
33.66
01
001
201.98
67.33
33.66
01
010
134.65
67.33
33.66
01
011
168.31
67.32
33.66
01
1
00
115.00
76.66
38.33
01
101
230.00
76.66
38.33
01
110
153.33
76.66
38.33
01
111
191.67
76.66
38.33
1
0
000
100.00
66.66
33.33
10
001
200.00
66.66
33.33
10
010
133.33
66.66
33.33
10
011
166.67
71.43
35.71
1
0
1
0
0
200.00
66.66
33.33
10
101
400.00
66.66
33.33
10
110
266.67
66.66
33.33
10
111
333.33
66.66
33.33
11
000
105.00
69.99
35.00
11
001
210.00
69.99
35.00
11
010
140.00
69.99
35.00
11
011
175.00
69.99
35.00
11
1
00
110.00
73.33
36.66
11
101
220.00
73.33
36.66
11
110
146.66
73.33
36.66
11
111
183.34
73.33
36.66


Similar Part No. - ICS952607

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952607YFLF-T ICST-ICS952607YFLF-T Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
More results

Similar Description - ICS952607

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com