Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS952607
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952607 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS952607 Datasheet HTML 2Page - Renesas Technology Corp ICS952607 Datasheet HTML 3Page - Renesas Technology Corp ICS952607 Datasheet HTML 4Page - Renesas Technology Corp ICS952607 Datasheet HTML 5Page - Renesas Technology Corp ICS952607 Datasheet HTML 6Page - Renesas Technology Corp ICS952607 Datasheet HTML 7Page - Renesas Technology Corp ICS952607 Datasheet HTML 8Page - Renesas Technology Corp ICS952607 Datasheet HTML 9Page - Renesas Technology Corp ICS952607 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS952607
0734A—07/26/05
Table continued on next page.
Table1: QuadRom Frequency Selection Table 3 (Continued)
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4 FS3 FS2 FS1 FS0
MHz
MHz
MHz
%
1
000
000
95.00
63.33
31.66
No Spread
1
000
001
190.00
63.33
31.66
No Spread
1
000
010
126.66
63.33
31.66
No Spread
1
000
011
158.34
63.33
31.66
No Spread
1
0
0
0
1
0
0
211.11
63.33
31.66
No Spread
1
000
101
380.00
63.33
31.66
No Spread
1
000
110
253.34
63.33
31.66
No Spread
1
000
111
316.66
63.33
31.66
No Spread
1
001
000
90.00
59.99
30.00
No Spread
1
001
001
180.00
59.99
30.00
No Spread
1
001
010
120.00
59.99
30.00
No Spread
1
001
011
150.00
59.99
30.00
No Spread
1
001
100
200.00
59.99
30.00
No Spread
1
001
101
360.00
59.99
30.00
No Spread
1
001
110
240.00
59.99
30.00
No Spread
1
001
111
300.00
59.99
30.00
No Spread
1
0
1
0
0
0
0
85.00
56.66
28.33
No Spread
1
010
001
170.00
56.66
28.33
No Spread
1
010
010
113.33
56.66
28.33
No Spread
1
010
011
141.67
56.66
28.33
No Spread
1
010
100
188.89
56.66
28.33
No Spread
1
010
101
340.00
56.66
28.33
No Spread
1
010
110
226.67
56.66
28.33
No Spread
1
010
111
283.33
56.66
28.33
No Spread
1
011
000
80.00
53.33
26.66
No Spread
1
011
001
160.00
53.33
26.66
No Spread
1
011
010
106.66
53.33
26.66
No Spread
1
011
011
133.34
53.33
26.66
No Spread
1
011
100
177.78
53.33
26.66
No Spread
1
011
101
320.00
53.33
26.66
No Spread
1
011
110
213.34
53.33
26.66
No Spread
1
011
111
266.66
53.33
26.66
No Spread
Bit6 Bit5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com