Electronic Components Datasheet Search
  English  ▼

X  

BLF202 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF202
Description  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF202 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF202 Datasheet HTML 4Page - NXP Semiconductors BLF202 Datasheet HTML 5Page - NXP Semiconductors BLF202 Datasheet HTML 6Page - NXP Semiconductors BLF202 Datasheet HTML 7Page - NXP Semiconductors BLF202 Datasheet HTML 8Page - NXP Semiconductors BLF202 Datasheet HTML 9Page - NXP Semiconductors BLF202 Datasheet HTML 10Page - NXP Semiconductors BLF202 Datasheet HTML 11Page - NXP Semiconductors BLF202 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Oct 20
8
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF202
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed-circuit board, with PTFE fibre-glass dielectric (
εr = 2.2), thickness
1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C11
film dielectric trimmer
2 to 9 pF
2222 809 09005
C2, C9
film dielectric trimmer
2 to 9 pF
2222 809 09002
C3, C5
multilayer ceramic chip capacitor;
note 1
1 nF; 500 V
C4, C6
multilayer ceramic chip capacitor
2
× 100 nF
in parallel,
50 V
2222 852 47104
C7
Sprague electrolytic tantalum
capacitor
2.2
µF; 35 V
C8
multilayer ceramic chip capacitor;
note 1
5.1 pF; 500 V
C10
multilayer ceramic chip capacitor;
note 1
9.1 pF; 500 V
L1
8 turns enamelled 0.8 mm copper
wire
137 nH
length 5.1 mm;
int. dia. 4 mm;
leads 2
× 5mm
L2, L3
stripline; note 2
81
Ω
8mm
× 2mm
L4
3 turns enamelled 1 mm copper wire 57 nH
length 5 mm;
int. dia. 6 mm;
leads 2
× 5mm
L5
9 turns enamelled 1 mm copper wire 355 nH
length 11 mm;
int. dia. 7 mm;
leads 2
× 5mm
L6
grade 3B Ferroxcube RF choke
4312 020 36642
R1
0.4 W metal film resistor
237
Ω
2322 151 72371
R2
0.4 W metal film resistor
1 k
Ω
2322 151 71002
R3
0.4 W metal film resistor
1 M
Ω
2322 151 71005
R4
10 turns cermet potentiometer
5 k
Ω
R5
0.4 W metal film resistor
7.5 k
Ω
2322 151 77502
R6
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com