Electronic Components Datasheet Search
  English  ▼

X  

BLF202 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF202
Description  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF202 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF202 Datasheet HTML 5Page - NXP Semiconductors BLF202 Datasheet HTML 6Page - NXP Semiconductors BLF202 Datasheet HTML 7Page - NXP Semiconductors BLF202 Datasheet HTML 8Page - NXP Semiconductors BLF202 Datasheet HTML 9Page - NXP Semiconductors BLF202 Datasheet HTML 10Page - NXP Semiconductors BLF202 Datasheet HTML 11Page - NXP Semiconductors BLF202 Datasheet HTML 12Page - NXP Semiconductors BLF202 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Oct 20
9
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF202
handbook, halfpage
0
50
100
200
250
0
−125
125
150
MGP119
Zi
(
Ω)
f (MHz)
ri
xi
Fig.11 Input impedance as a function of frequency
(series of components); typical values.
Class B-operation; VDS = 12.5 V; IDQ =20mA;
RGS = 237 Ω; PL =2W.
handbook, halfpage
0
50
100
200
50
0
40
MGP120
150
30
20
10
ZL
(
Ω)
f (MHz)
XL
RL
Fig.12 Load impedance as a function of frequency
(series components); typical values.
Class B-operation; VDS = 12.5 V; IDQ = 20 mA;
RGS = 237 Ω; PL =2W.
handbook, halfpage
MBA379
Zi
ZL
Fig.13 Definition of MOS impedance.
handbook, halfpage
0
50
100
200
20
10
0
5
15
MGP121
150
Gp
(dB)
f (MHz)
Fig.14 Power gain as a function of frequency;
typical values.
Class B-operation; VDS = 12.5 V; IDQ = 20 mA;
RGS = 237 Ω; PL =2W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com