Electronic Components Datasheet Search
  English  ▼

X  

XCL105 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL105
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL105 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL105 Datasheet HTML 9Page - Torex Semiconductor XCL105 Datasheet HTML 10Page - Torex Semiconductor XCL105 Datasheet HTML 11Page - Torex Semiconductor XCL105 Datasheet HTML 12Page - Torex Semiconductor XCL105 Datasheet HTML 13Page - Torex Semiconductor XCL105 Datasheet HTML 14Page - Torex Semiconductor XCL105 Datasheet HTML 15Page - Torex Semiconductor XCL105 Datasheet HTML 16Page - Torex Semiconductor XCL105 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13/41
XCL104/XCL105
Series
L1
L2
AGND
EN
PGND
VIN
LX
VOUT
ON
OFF
VIN
VOUT
CIN
10µF
CL
10µF×2
■
TYPICAL APPLICATION CIRCUIT / PARTS SELECTION GUIDE
【
Typical Examples】
CONDITIONS
MANUFACTURER
PRODUCT NUMBER
VALUE
SIZE(L×W×T)
CIN(*1)
-
Murata
GRM188D71A106MA73
10μF/10V
1.6x0.8x0.8mm
CL(*2)
Input Current≦1.0A
Murata
GRM188D71A106MA73
10μF/10V x 2
1.6x0.8x0.8mm
1.0A< Input Current
Murata
GRM188D71A106MA73
10μF/10V x 3
1.6x0.8x0.8mm
(*1)
Use an appropriate ceramic capacitor according to the DC bias usage conditions (ambient temperature, input / output voltage)
so that the effective capacitance value is equal to or higher than the recommended component.
(*2)
If a tantalum or low ESR electrolytic capacitor is used for the CL, the ripple voltage will increase.
When using an electrolytic capacitor for the CL, connect a ceramic capacitor in parallel before use.
In addition, when a large-capacity ceramic capacitor, tantalum, low ESR electrolytic capacitor, etc. are used for the CL,
the following operations may occur.
(a) The output voltage may become unstable under heavy load.
(b) For products with an integral latch, the integral latch function may operate and the output voltage may not rise to the
target voltage if the current limit function continues after the start mode is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com