Electronic Components Datasheet Search
  English  ▼

X  

XCL105 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL105
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL105 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL105 Datasheet HTML 10Page - Torex Semiconductor XCL105 Datasheet HTML 11Page - Torex Semiconductor XCL105 Datasheet HTML 12Page - Torex Semiconductor XCL105 Datasheet HTML 13Page - Torex Semiconductor XCL105 Datasheet HTML 14Page - Torex Semiconductor XCL105 Datasheet HTML 15Page - Torex Semiconductor XCL105 Datasheet HTML 16Page - Torex Semiconductor XCL105 Datasheet HTML 17Page - Torex Semiconductor XCL105 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14/41
XCL104/XCL105 Series
■
TYPICAL APPLICATION CIRCUIT/PARTS SELECTION GUIDE
<
Load disconnection function : A/D/G/J types>
It is configured to cut off the continuity from the input side to the output side during standby mode (EN = ”L”).
For the A/D/G/J types, the CL discharge function operates when the charge in the output capacitance is quickly discharged. In
order to prevent the application from malfunction, the charge remaining in the output capacitance.
L1
L2
AGND
EN
PGND
VIN
LX
VOUT
VIN
VOUT
CIN
CL×2
RF
EN=”H” : 3.3V
EN=”L” : 0V
MCU
Battery
VDD
I/O
EN=”H” : Active
EN=”L” : Stand-by
(CL Discharge Active)
XCL104/XCL105
A/D/G/J Type
VDD
<
Bypass mode: XCL105 B/E/H/K types>
The Pch synchronous switching FET is turned on to connect the input side and output side during the standby mode (EN = ”L”),.
By operating in this bypass mode, current can be supplied to the output side even during standby mode, and it is possible to drive
the subsequent devices.
In this configuration, a system that can be driven by a low voltage at the standby or sleep mode, it is set to bypass mode and the
input voltage is output to the output side. Where communication or calculation that requires a high drive voltage is performed in
the active mode, the system is driven by activating of the IC and performing boosting operation.
This operation can dramatically reduce the power consumption in the standby mode and improve the battery life.
L1
L2
AGND
EN
PGND
VIN
LX
VOUT
VIN
VOUT
CIN
CL×2
MCU
EN=”H” : 3.3V
EN=”L” : VIN
Battery
VDD
EN=”H” : Active
EN=”L” : Bypass Mode
I/O
XCL105
B/E/H/K Type
RF
Sensor
ISTB@EN=”L”
0μA (TYP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com