Electronic Components Datasheet Search
  English  ▼

X  

XCL105 Datasheet(PDF) 34 Page - Torex Semiconductor

Part # XCL105
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL105 Datasheet(HTML) 34 Page - Torex Semiconductor

Back Button XCL105 Datasheet HTML 30Page - Torex Semiconductor XCL105 Datasheet HTML 31Page - Torex Semiconductor XCL105 Datasheet HTML 32Page - Torex Semiconductor XCL105 Datasheet HTML 33Page - Torex Semiconductor XCL105 Datasheet HTML 34Page - Torex Semiconductor XCL105 Datasheet HTML 35Page - Torex Semiconductor XCL105 Datasheet HTML 36Page - Torex Semiconductor XCL105 Datasheet HTML 37Page - Torex Semiconductor XCL105 Datasheet HTML 38Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34/41
XCL104/XCL105 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(21) Current Limit vs. Ambient Temperature
(22) Integral Latch Time vs. Ambient Temperature
(23) Latch Release Voltage vs. Ambient Temperature
(24) UVLO Release Voltage vs. Ambient Temperature
(25) UVLO Hysteresis Voltage vs. Ambient Temperature
(26) UVLO Detect Delay vs. Ambient Temperature
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
VOUT(T)= 3.3V
VOUT(T)= 5.0V
100
140
180
220
260
300
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
D/E/F/J/K/L Type
VOUT(T)=3.3V
VOUT(T)=5.0V
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
D/E/F/J/K/L Type
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
G/H/J/K/M/L Type
0.10
0.12
0.14
0.16
0.18
0.20
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
G/H/J/K/M/L Type
0
100
200
300
400
-50
-25
0
25
50
75
100 125
Ambient Temperature : Ta [℃]
G/H/J/K/M/L Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com