Electronic Components Datasheet Search
  English  ▼

X  

XCL105 Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XCL105
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL105 Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XCL105 Datasheet HTML 25Page - Torex Semiconductor XCL105 Datasheet HTML 26Page - Torex Semiconductor XCL105 Datasheet HTML 27Page - Torex Semiconductor XCL105 Datasheet HTML 28Page - Torex Semiconductor XCL105 Datasheet HTML 29Page - Torex Semiconductor XCL105 Datasheet HTML 30Page - Torex Semiconductor XCL105 Datasheet HTML 31Page - Torex Semiconductor XCL105 Datasheet HTML 32Page - Torex Semiconductor XCL105 Datasheet HTML 33Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29/41
XCL104/XCL105
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(2) Output Voltage vs. Output Current
(3) Ripple Voltage vs. Output Current
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0.1
1
10
100
1000
Output Current : IOUT [mA]
VOUT(T)=1.8V
XCL105 VIN=0.9V
XCL105 VIN=1.2V
XCL105 VIN=1.5V
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
XCL104 VIN=0.9V
XCL104 VIN=1.2V
XCL104 VIN=1.5V
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.1
1
10
100
1000
Output Current : IOUT [mA]
VOUT(T)=3.3V
XCL105 VIN=0.9V
XCL105 VIN=1.2V
XCL105 VIN=1.8V
XCL105 VIN=2.5V
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
XCL104 VIN=0.9V
XCL104 VIN=1.2V
XCL104 VIN=1.8V
XCL104 VIN=2.5V
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0.1
1
10
100
1000
Output Current : IOUT [mA]
VOUT(T)=5.0V
XCL105 VIN=1.2V
XCL105 VIN=1.8V
XCL105 VIN=2.5V
XCL105 VIN=3.7V
XCL105 VIN=4.2V
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
XCL104 VIN=1.2V
XCL104 VIN=1.8V
XCL104 VIN=2.5V
XCL104 VIN=3.7V
XCL104 VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current : IOUT [mA]
VOUT(T)=3.3V
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
XCL105 VIN=0.9V
XCL105 VIN=1.2V
XCL105 VIN=1.8V
XCL105 VIN=2.5V
XCL104 VIN=0.9V
XCL104 VIN=1.2V
XCL104 VIN=1.8V
XCL104 VIN=2.5V
Ta=-40℃
Ta=25℃
Ta=105℃
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current : IOUT [mA]
VOUT(T)=5.0V
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x3)
XCL104 VIN=1.2V
XCL104 VIN=1.8V
XCL104 VIN=2.5V
XCL104 VIN=3.7V
XCL104 VIN=4.2V
XCL105 VIN=1.2V
XCL105 VIN=1.8V
XCL105 VIN=2.5V
XCL105 VIN=3.7V
XCL105 VIN=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com