Electronic Components Datasheet Search
  English  ▼

X  

XCL104 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL104
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL104 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL104 Datasheet HTML 5Page - Torex Semiconductor XCL104 Datasheet HTML 6Page - Torex Semiconductor XCL104 Datasheet HTML 7Page - Torex Semiconductor XCL104 Datasheet HTML 8Page - Torex Semiconductor XCL104 Datasheet HTML 9Page - Torex Semiconductor XCL104 Datasheet HTML 10Page - Torex Semiconductor XCL104 Datasheet HTML 11Page - Torex Semiconductor XCL104 Datasheet HTML 12Page - Torex Semiconductor XCL104 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9/41
XCL104/XCL105
Series
■
ELECTRICAL CHARACTERISTICS
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Input Voltage
VIN
-
-
6.0
V
-
Output Voltage
VOUT
Voltage to start oscillation while
VOUT=VOUT(T) ×1.03→VOUT(T)×0.97
<E-1>
<E-2>
<E-3>
V
⑤
Operation Start Voltage
VST1
RL=OPEN
A/B/C/D/E/F Type
-
-
0.90
V
①
Operation Hold Voltage
VHLD
RL=OPEN
A/B/C/D/E/F Type
-
0.65
-
V
①
Quiescent Current
(XCL105)
Iq
VIN=VOUT(T)+0.2V
VOUT=VOUT(T)+0.5V
-
19.0
38.0
μA
③
Input Pin Quiescent
Current
Iq_in
VIN= VOUT(T)-0.2V,
VOUT= VOUT(T)+0.5V
XCL105 C/F
-
0.12
0.36
μA
③
XCL105 M/L
-
1.20
2.06
Oscillation Frequency
fOSC
VIN=1.7V, VOUT=1.7V
1.02
1.20
1.38
MHz
⑤
Maximum Duty Cycle
DMAX
VIN=1.7V, VOUT=1.7V
85
91
98
%
⑤
Minimum Duty Cycle
DMIN
VOUT=VIN= VOUT(T)+0.5V
-
-
0
%
⑤
PFM Switching Current
(XCL105)
IPFM
VIN=1.7V,
RL: OPEN
-
280
500
mA
①
Stand-by Current
ISTB
VIN=VLx=6.0V,
VEN=0.0V(*1)
A/D/G/J Type
-
0.0
1.0
μA
⑧
B/E/H/K Type
-
0.0
1.0
μA
⑦
C/F/M/L Type
-
0.16
1.0
μA
⑧
Lx SW "Nch" ON
Resistance
RLXN
VIN=3.3V, VOUT=1.7V
-
0.17 (*3)
-
Ω
-
Lx SW "Pch" ON
Resistance
RLXP
VIN=VLx=3.3V, IOUT=200mA
-
0.23 (*2)
-
Ω
④
Lx SW ”H” Leakage
Current
ILXLH
VIN=6.0V, VEN=0V,
VLx=6.0V(*1)
A/C/D/F/G/M/J/L
Type
-
0.0
1.0
μA
⑧
B/E/H/K Type
⑦
Lx SW ”L” Leakage
Current
(XCL105 C/F/M/L)
ILXLL
VIN=0.0V, VEN=0.0V, VLx=0.0V, VOUT=6.0V
-
0.0
1.0
μA
②
Current Limit
ILIM
VIN= VOUT(T)-0.2V, RLx=0.5Ω
<E-4>
<E-5>
<E-6>
A
⑥
Integral Latch Time
(D/E/F/J/K/L Type)
tLAT
VIN= VOUT(T)-0.3V, RLx=0.5Ω,
Time from current limit start to stop Lx
oscillation
45
200
450
μs
⑥
Latch Release Voltage
(D/E/F Type)
VLAT_R
After the integral latch was operated,
RL:OPEN, VIN=VOUT(T)-0.2V→0.9V
0.9
1.2
1.5
V
①
Short-circuit Protection
Threshold Voltage
(D/E/F/J/K/L Type)
VSHORT
VIN=VOUT(T)-0.2V, RL=0Ω
-
VIN(*3)
-
V
①



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com