Electronic Components Datasheet Search
  English  ▼

X  

XCL104 Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XCL104
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL104 Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XCL104 Datasheet HTML 33Page - Torex Semiconductor XCL104 Datasheet HTML 34Page - Torex Semiconductor XCL104 Datasheet HTML 35Page - Torex Semiconductor XCL104 Datasheet HTML 36Page - Torex Semiconductor XCL104 Datasheet HTML 37Page - Torex Semiconductor XCL104 Datasheet HTML 38Page - Torex Semiconductor XCL104 Datasheet HTML 39Page - Torex Semiconductor XCL104 Datasheet HTML 40Page - Torex Semiconductor XCL104 Datasheet HTML 41Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39/41
XCL104/XCL105
Series
■
MARKING RULE
■
DFN3030-10B
MARK① represents product series and Oscillation Frequency
MARK
PRODUCT
NUMBER
TYPE
OUTPUT
VOLTAGE
RANGE
0
1.8~3.6V
1
3.7~5.5V
2
2.2~3.6V
3
3.7~5.5V
C
2.2~3.6V
D
3.7~5.5V
E
2.2~3.6V
F
3.7~5.5V
4
1.8~3.6V
5
3.7~5.5V
6
1.8~3.6V
7
3.7~5.5V
8
1.8~3.6V
9
3.7~5.5V
A
2.2~3.6V
B
3.7~5.5V
H
2.2~3.6V
K
3.7~5.5V
L
2.2~3.6V
M
3.7~5.5V
N
2.2~3.6V
P
3.7~5.5V
R
2.2~3.6V
S
3.7~5.5V
T
2.2~3.6V
U
3.7~5.5V
V
2.2~3.6V
X
3.7~5.5V
Y
2.2~3.6V
Z
3.7~5.5V
C
2.2~3.0V
D
3.1~3.9V
E
4.0~4.8V
F
4.9~5.5V
XCL105L221H2-G~XCL105L301H2-G
XCL105L311H2-G~XCL105L391H2-G
XCL105L401H2-G~XCL105L481H2-G
XCL105L491H2-G~XCL105L551H2-G
PRODUCT SERIES
XCL104A181H2-G~XCL104A361H2-G
XCL104A371H2-G~XCL104A551H2-G
XCL104D221H2-G~XCL104D361H2-G
XCL104D371H2-G~XCL104D551H2-G
XCL104G221H2-G~XCL104G361H2-G
XCL104G371H2-G~XCL104G551H2-G
XCL104J221H2-G~XCL104J361H2-G
XCL104J371H2-G~XCL104J551H2-G
XCL105A181H2-G~XCL105A361H2-G
XCL105A371H2-G~XCL105A551H2-G
XCL105M371H2-G~XCL105M551H2-G
XCL105J221H2-G~XCL105J361H2-G
XCL105J371H2-G~XCL105J551H2-G
XCL105K221H2-G~XCL105K361H2-G
XCL105K371H2-G~XCL105K551H2-G
XCL105G221H2-G~XCL105G361H2-G
XCL105G371H2-G~XCL105G551H2-G
XCL105H221H2-G~XCL105H361H2-G
XCL105H371H2-G~XCL105H551H2-G
XCL105M221H2-G~XCL105M361H2-G
XCL105D371H2-G~XCL105D551H2-G
XCL105E221H2-G~XCL105E361H2-G
XCL105E371H2-G~XCL105E551H2-G
XCL105F221H2-G~XCL105F361H2-G
XCL105F371H2-G~XCL105F551H2-G
XCL105B181H2-G~XCL105B361H2-G
XCL105B371H2-G~XCL105B551H2-G
XCL105C181H2-G~XCL105C361H2-G
XCL105C371H2-G~XCL105C551H2-G
XCL105D221H2-G~XCL105D361H2-G
XCL104
A
D
G
J
J
K
L
XCL105
A
B
C
D
E
F
G
H
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com