Electronic Components Datasheet Search
  English  ▼

X  

XCL104 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCL104
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL104 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCL104 Datasheet HTML 15Page - Torex Semiconductor XCL104 Datasheet HTML 16Page - Torex Semiconductor XCL104 Datasheet HTML 17Page - Torex Semiconductor XCL104 Datasheet HTML 18Page - Torex Semiconductor XCL104 Datasheet HTML 19Page - Torex Semiconductor XCL104 Datasheet HTML 20Page - Torex Semiconductor XCL104 Datasheet HTML 21Page - Torex Semiconductor XCL104 Datasheet HTML 22Page - Torex Semiconductor XCL104 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19/41
XCL104/XCL105
Series
■
OPERATIONAL EXPLANATION
<
EN function / load disconnection function / bypass mode>
When a "H" voltage (VENH) is input to the EN pin, the output voltage is raised by the start-up mode, and then normal operation
starts.
When the "L" voltage (VENL) is input to the EN pin, the IC enters the standby mode, and the current consumption is reduced to
the standby current ISTB.
The polarity of the parasitic diodes of the Pch synchronous switching FET and Pch synchronous switching FET in the standby
mode and the operation of the CL discharge function depending on the types.
The details of the operation for each type are as follows.
A/D/G/J types : Load disconnection function with CL discharge function
When the Nch driver FET and Pch synchronous switching FET are turned off, the CL discharge function operates.
When the CL discharge function operates, the charge on the output side is quickly discharged and the output voltage is reduced.
When the Nch driver FET and Pch synchronous switching FET are turned off and fix the polarity of the parasitic diode of the Pch
synchronous switching FET to anode: VOUT and cathode: Lx, the conduction from the input side to the output side is cut off.
The current consumption during this operation is the standby current ISTB (TYP. 0.0μA).
XCL105 C/F/M/L types : Load disconnection function without CL discharge function
Nch driver FET and Pch synchronous switching FET are turned off.
Even in standby mode, the VIN voltage is compared with the VOUT voltage, and the polarity of the parasitic diode for the Pch
synchronous switching FET is controlled so that the input and output sides do not connect through the parasitic diode of the Pch
synchronous switching FET.
Even if an external voltage higher than the VIN voltage is applied to the output side by controlling this parasitic diode, the input
side and the output side will not connect, and the output OR connection is possible.
The current consumption during this operation is the standby current ISTB (TYP. 0.16μA).
XCL105 B/E/H/K types : Bypass mode
When the Nch driver FET turned off and the Pch synchronous switching FET turned on, the resistance between the Lx and VOUT
becomes RLXP (TYP. 0.23Ω) and connects.
This operation allows current to be supplied to the output side even in the standby mode, enabling to drive the subsequent
devices.
The current consumption during this operation is the standby current ISTB (TYP. 0.0μA).
In standby mode (EN="L") Operation list
TYPE
Nch Driver FET
/ Pch Driver FET
VOUT
pin Voltage
CL
Discharge
ISTB (TYP.)
Applied Voltage to the VOUT pin
(EN=”L”)
A/D/G/J
OFF
/OFF
GND
Active
0.0μA
No
(CL Discharge Operation)
C/F/M/L
(Only XCL105)
OFF
/OFF
OPEN
-
0.16μA
Yes
B/E/H/K
(Only XCL105)
OFF
/ON
VIN
-
0.0μA
No
(Reverse Flow toward the input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com