Electronic Components Datasheet Search
  English  ▼

X  

XCL104 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XCL104
Description  1.4A, Inductor Built-in Step-up DC/DC Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL104 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XCL104 Datasheet HTML 20Page - Torex Semiconductor XCL104 Datasheet HTML 21Page - Torex Semiconductor XCL104 Datasheet HTML 22Page - Torex Semiconductor XCL104 Datasheet HTML 23Page - Torex Semiconductor XCL104 Datasheet HTML 24Page - Torex Semiconductor XCL104 Datasheet HTML 25Page - Torex Semiconductor XCL104 Datasheet HTML 26Page - Torex Semiconductor XCL104 Datasheet HTML 27Page - Torex Semiconductor XCL104 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24/41
XCL104/XCL105 Series
■
NOTES ON USE
1) For the phenomenon of temporal and transitional voltage decrease or voltage increase, the IC may be damaged or deteriorated
if IC is used beyond the absolute MAX. specifications. Also, if used under out of the recommended operating range, the IC may
not operate normally or may cause deterioration.
2) Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3) The DC/DC converter performance is greatly influenced by not only the ICs' characteristics, but also by those of the external
components. Care must be taken when selecting the external components. Especially for capacitor, it is strongly recommended
to use an appropriate capacitor according to the DC bias characteristics and temperature characteristics so that the effective
capacitance value is equal to or greater than the recommended components under the actual usage conditions.
4) When the EN pin is open, the IC will operate indefinitely. Therefore, the EN pin should not be open and should be set to a fixed
voltage. To prevent the IC and peripheral devices from malfunctioning due to pin-to-pin shorts, or to prevent the IC from being
damaged by external noise, etc., it is recommended that a resistor of 1MΩ or less be connected to the EN pin instead of
connecting it directly to the VIN.
5) When the boost ratio is small, PWM control oscillates intermittently.
This may cause the switching frequency to drop below fOSC or increase output voltage ripple.
To suppress the ripple voltage, increase the capacitance value of the output capacitor and take measures
6) When connecting an external power supply to the output side, please use the XCL105 C/F/M/ L types.
When using the XCL105 C/F/M/L type exclusion, depending on the bias conditions, the IC may break down and reverse flow
to the input side may occur.
7) Depending on the detection delay time of the current limit circuit, a coil current exceeding the limit current value ILIM may flow.
8) Under the following conditions, the current limit function may not operate.
XCL104 D/J types, XCL105 D/E/F/J/K/L types are used the integral latch method. In this case, the integral latch of the current
limit function and the latch stop by the short circuit protection function do not operate in these types
The boost ratio is small
When the boost ratio is small, the required duty is low and the on-time of the Nch driver FET on the low side is short.
If this on-time is shorter than the detection delay of the current limit circuit, the current limit function may not operate.
The boost ratio is high
When the boost ratio is high, the coil current may be limited below the current limit value due to the maximum duty ratio, on-
resistance, and DCR of the coil, and the current limit function may not operate.
9) The current limit function is a function that limits the current flowing through the Nch driver FET, and does not limit the current
flowing through the Pch synchronous switching FET.
Therefore, an overcurrent may flow in the parasitic diode of the Pch synchronous switching FET and the Pch synchronous
switching FET, and the IC may be destroyed.
10) XCL104 D/J types, XCL105 D/E/F/J/K/L types have short-circuit protection and integral latch function. If the output voltage
drops sharply due to an output short circuit, etc. The internal power supply of the IC may drop sharply by the circuit delay of the
VDD MAX circuit. As a result, the latch state of the short-circuit protection function may be reset and the latch stop may not be
maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com