Electronic Components Datasheet Search
  English  ▼

X  

72841L25LPFGI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 72841L25LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L25LPFGI Datasheet(HTML) 5 Page - Renesas Technology Corp

  72841L25LPFGI Datasheet HTML 1Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 2Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 3Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 4Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 5Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 6Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 7Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
Com'l &
Commercial
Ind'l(1)
IDT72801L10
IDT72801L15
IDT72801L25
IDT72811L10
IDT72811L15
IDT72811L25
IDT72821L10
IDT72821L15
IDT72821L25
IDT72831L10
IDT72831L15
IDT72831L25
IDT72841L10
IDT72841L15
IDT72841L25
IDT72851L10
IDT72851L15
IDT72851L25
Symbol
Parameter
Min
Max.
Min
Max.
Min
Max.
Unit
fS
Clock Cycle Frequency
—
100
—
66.7
—
40
MHz
tA
Data Access Time
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
—
15
—
25
—
ns
tCLKH
Clock High Time
4.5
—
6
—
10
—
ns
tCLKL
Clock Low Time
4.5
—
6
—
10
—
ns
tDS
Data Setup Time
3
—
4
—
6
—
ns
tDH
Data Hold Time
0.5
—
1
—
1
—
ns
tENS
Enable Setup Time
3
—
4
—
6
—
ns
tENH
Enable Hold Time
0.5
—
1
—
1
—
ns
tRS
Reset Pulse Width(2)
10
—
15
—
15
—
ns
tRSS
Reset Setup Time
8
—
10
—
15
—
ns
tRSR
Reset Recovery Time
8
—
10
—
15
—
ns
tRSF
Reset to Flag Time and Output Time
—
10
—
15
—
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0
—
0—
ns
tOE
Output Enable to Output Valid
3
6
3
8
3
13
ns
tOHZ
Output Enable to Output in High-Z(3)
3
6
3
8
3
13
ns
tWFF
Write Clock to Full Flag
—
6.5
—
10
—
15
ns
tREF
Read Clock to Empty Flag
—
6.5
—
10
—
15
ns
tPAF
Write Clock to Programmable
—
6.5
—
10
—
15
ns
Almost-Full Flag
tPAE
Read Clock to Programmable
—
6.5
—
10
—
15
ns
Almost-Empty Flag
tSKEW1
Skew Time Between Read Clock and
5
—
6
—
10
—
ns
Write Clock for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write
14
—
15
—
18
—
ns
Clock for Programmable Almost-Empty Flag
and Programmable Almost-Full Flag
In Pulse Levels
GND to 3.0V
InputRise/FallTimes
3ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
or equivalent circuit
Figure 1. Output Load
*Includesjigandscopecapacitances.
30pF*
1.1K
5V
680
Ω
D.U.T.
3034 drw 03
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com