Electronic Components Datasheet Search
  English  ▼

X  

72841L25LPFGI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 72841L25LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L25LPFGI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 72841L25LPFGI Datasheet HTML 7Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 14Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
NOTE:
1. Only one of the two write enable inputs, WEN1 or WEN2, needs to go inactive to inhibit writes to the FIFO.
Figure 8. Full Flag Timing
WCLKA
(WCLKB)
DA0 - DA8
(DB0 - DB8)
FFA (FFB)
WENA1
(
WENB1)
WENA2
(WENB2)
(If Applicable)
RCLKA
(RCLKB)
RENA1
(
RENB2)
QA0 - QA8
(QB0 - QB8)
OEA
(
OEB)
3034 drw 09
tSKEW1
tDS
tSKEW1
tENH
tENH
NEXT DATA READ
DATA READ
tWFF
tWFF
tWFF
tENS
tENS
DATA IN OUTPUT REGISTER
LOW
NO WRITE
NO WRITE
tA
tA
tENS
tENS
tENS
(1)
tENS
(1)
tENH
tENH
NO WRITE
tDH
tDS
tDS
tENS
tENH
tENS
tENH
tENS
tENH
tENS
tENH
DATA WRITE 2
WCLKA (WCLKB)
DA0 - DA8
(DB0 - DB8)
RCLKA (RLCKB)
EFA (EFB)
RENA1, RENA2
(
RENB1, RENB2)
DATA READ
tSKEW1
tFRL
tFRL
(1)
tSKEW1
WENA2 (WENB2)
(If Applicable)
tREF
tREF
WENA1, (WENB1)
3034 drw 10
DATA WRITE 1
tREF
(1)
LOW
OEA (OEB)
QA0-QA8
(QB0-QB8)
DATA IN OUTPUT REGISTER
tA
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (EFA, EFB = LOW).
Figure 9. Empty Flag Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com