Electronic Components Datasheet Search
  English  ▼

X  

72841L25LPFGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 72841L25LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L25LPFGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 72841L25LPFGI Datasheet HTML 6Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 7Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 8Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
NOTE:
1. tSKEW1 is the minimum time between a rising WCLKA (WCLKB) edge and a rising RCLKA (RCLKB) edge for EFA (EFB) to change during the current clock cycle. If the time
between the rising edge of RCLKA (RCLKB) and the rising edge of WCLKA (WCLKB) is less than tSKEW1, then EFA (EFB) may not change state until the next RCLKA (RCLKB)
Figure 6. Read Cycle Timing
tENH
tENS
NO OPERATION
tOLZ
VALID DATA
tSKEW1
(1)
tCLK
tCLKH
tCLKL
tREF
tREF
tA
tOE
tOHZ
RCLKA (RCLKB)
RENA1, RENA2
(
RENB1, RENB2)
EFA (EFB)
QA0 - QA8
(QB0 - QB8)
OEA (OEB)
WCLKA (WCLKB)
WENA1 (WENB1)
WENA2 (WENB2)
3034 drw 07
tDS
D0 (First Valid Write)
tSKEW1
D0
D1
D3
D2
D1
tENS
tFRL
(1)
tREF
tA
tOLZ
tOE
tA
WCLKA (WCLKB)
DA0 - DA8
(DB0 - DB8)
WENA2 (WENB2)
(If Applicable)
RCLKA (RCLKB)
EFA (EFB)
RENA1, RENA2
(
RENB1, RENB2)
QA0 - QA8
(QB0 - QB8)
OEA (OEB)
WENA1 (WENB1)
3034 drw 08
tENS
tENS
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL = tCLK + tSKEW1
When tSKEW1
< minimum specification, tFRL = 2tCLK + tSKEW1V or tCLK + tSKEW1
The Latency Timings apply only at the Empty Boundary (EFA, EFB = LOW).
Figure 7. First Data Word Latency Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com