Electronic Components Datasheet Search
  English  ▼

X  

72841L25LPFGI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 72841L25LPFGI
Description  DUAL CMOS SyncFIFO™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

72841L25LPFGI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 72841L25LPFGI Datasheet HTML 9Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 10Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 11Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 12Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 13Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 14Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 15Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 16Page - Renesas Technology Corp 72841L25LPFGI Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
MARCH 2013
accordingtotype,sendingonekindtoFIFOAandtheotherkindtoFIFOB.Then,
at theoutputs,eachdatatypeistransferredtoitsappropriatedestination.Additional
IDT72801/72811/72821/72831/72841/72851s permit more than two priority
levels.Prioritybufferingisparticularlyusefulinnetworkapplications.
TWO PRIORITY DATA BUFFER
CONFIGURATION
The two FIFOs contained in the IDT72801/72811/72821/72831/72841/
72851canbeusedtoprioritizetwodifferenttypesofdatasharedonasystembus.
When writing from the bus to the FIFO, control logic sorts the intermixed data
Figure 16. Block Diagram of Two Priority Configuration
BIDIRECTIONAL CONFIGURATION
The two FIFOs of the IDT72801/72811/72821/72831/72841/72851 can
be used to buffer data flow in two directions. In the example that follows, a
processor can write data to a peripheral controller via FIFO A, and, in turn,
the peripheral controller can write the processor via FIFO B.
Figure 17. Block Diagram of Bidirectional Configuration
RAM ARRAY A
Processor
Data
DA0-DA8
QA0-QA8
OEA
RENA
Address
IDT
72801
72811
72821
72831
72841
72851
DB0-DB8
QB0-QB8
OEB2
WENB1
RAM
RCLKA
WCLKB
Control
9
9
9
9
WCLKA
WENA1
RAM ARRAY B
RENB1
Clock
RCLKB
WENB2
RENB2
WENA2
RENA2
VCC
VCC
9
9
Voice Processing
Card
Data
I/O Data
Clock
Address
Control
Image Processing
Card
Data
I/O Data
Clock
Address
Control
3034 drw 17
RAM ARRAY A
Processor
Peripheral
Controller
Data
DA0-DA8
QA0-QA8
Data
OEA
RENA1
Address
I/O Data
IDT
72801
72811
72821
72831
72841
72851
DB0-DB8
QB0-QB8
OEB
WENB1
RAM
RCLKA
WCLKB
Control
9
9
9
9
9
9
WCLKA
WENA1
RAM ARRAY B
RENB1
Clock
RCLKB
DMA Clock
Address
Control
9
WENB2
RENB2
WENA2 RENA2
VCC
3034 drw 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com