Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 1 Page - NXP Semiconductors

  KMA200 Datasheet HTML 1Page - NXP Semiconductors KMA200 Datasheet HTML 2Page - NXP Semiconductors KMA200 Datasheet HTML 3Page - NXP Semiconductors KMA200 Datasheet HTML 4Page - NXP Semiconductors KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.
Product profile
1.1 General description
The KMA200 is an angle sensor system. The Magneto Resistive (MR) element and the
mixed signal IC are integrated in one package. This angle system is already
pre-programmed offsets are compensated and, therefore, ready to use.
Via the Serial Peripheral Interface (SPI) the KMA200 is user programmable. This allows
user specific adjustments of the maximum angle, zero point, clamping level and a 32-bit
identifier. The data is stored permanently in an Electrically Erasable Programmable
Read-Only Memory (EEPROM).
The device can be programmed to work either in analog or digital (SPI) output mode.
Furthermore, different analog output characteristics are possible. The resolution is better
than 0.05
°.
The implemented online diagnosis supervises the input and output signals as well as the
data processing. Deviations and failures of the angle value are indicated in the output
signal. Overall temperature supervision is implemented.
1.2 Features
KMA200
Programmable angle sensor
Rev. 05 — 16 August 2005
Product data sheet
s Magnetic field angular sensing
s One package angle sensor system
s High accuracy
s Resolution better than 0.05
°
s Operating temperature range from
−40 °C to +160 °C
s Digital or analog output signals (user
programmable)
s Online diagnosis
s Overvoltage protection at all external
pins
s Bidirectional digital interface (SPI)
s EEPROM (user programmable)
s Programmable maximum angle up
to 180
°
s Programmable zero point
s Pre-calibrated, ready to use device


Similar Part No. - KMA200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
Programmable angle sensor
Rev. 07-18 July 2008
KMA200 PHILIPS-KMA200 Datasheet
278Kb / 33P
Programmable angle sensor
Rev. 8-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
Programmable angle sensor
Rev. 8-7 December 2011
More results

Similar Description - KMA200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
Programmable angle sensor
Rev. 07-18 July 2008
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
Programmable angle sensor
Rev. 01-26 April 2010
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
Programmable angle sensor
Rev. 8-7 December 2011
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
Programmable angle sensor
Rev. 1-16 July 2013
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
Programmable angle sensor
Rev. 2-7 December 2011
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
Programmable angle sensor IC
Rev. 3-27 February 2019
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com