Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors KMA200 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
9397 750 11399
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 16 August 2005
22 of 31
Philips Semiconductors
KMA200
Programmable angle sensor
10.3.4 Write RAM (0nh), read RAM (1nh)
To write data to the RAM the command byte 0nh (n is the address of the data) followed by
the 16-bit data has to be send. To read data from the RAM, the command byte 1nh has to
be send. If CS is activated again, the RAM contents at the specified address is clocked
out. Note that at power-on addresses 00h to 0Fh are read from the EEPROM into the
RAM.
10.3.5 Calculate CRC16 and program EEPROM (30h)
To program the EEPROM, the configuration data has to be written to the RAM addresses
00h to 0Eh. Afterwards, the command byte 30h has to be sent and the EEPROM
programming voltage has to be applied at the VDD pin. The KMA200 calculates the crc16
check sum and writes the RAM constants at addresses 00h to 0Fh to the EEPROM. This
command is only executed when the EP bit in the control information word is 0 on
power-on. If the EP bit is 1, this command is ignored.
Table 9:
EEPROM content
Address
Name
Description
0
sensor_offset_1
dependent of individual production calibration results
1
sensor_offset_2
dependent of individual production calibration results
2
zero_angle
mechanical 0
° position relative to the zero point of the
sensor output; used for zero-angle calibration
default value: 0000h (0
°)
3
angular_range
definition of the angular input range that is mapped to the
whole analog output signal range
default value: 0000h (180
°)
4
αthresh
threshold for programmable output / mode 3
default value: int_CRC of the addresses 0, 1, 5, C, D and E
5
temp_vref, temp_offs
dependent of individual production calibration results
6Tshut(res), Twarn(res)
temperature warning and temperature shutdown level; used
for temperature supervision default value: FAF8h
(temperature shutdown at 200
°C, warning at 198 °C)
7
ctrl1
control information word 1; used for selection of various
operating modes default value: 4046h (output mode
standard + mode 1)
8
ctrl2
control information word 2; configures the diagnostic
functions default value: 0704h (temperature supervision is
on; input stage diagnosis is on; output stage diagnosis is off)
9V(CL)l, V(CL)u
clamping voltage levels of analog outputs
default value: 00FFh (clamping level “LOW” at 5 %VDD,
clamping level “HIGH” at 95 %VDD)
A
id1
sensor identifier 1; this data is not evaluated by the KMA200
and is used for sensor identification
B
id2
sensor identifier 2; this data is not evaluated by the KMA200
and is used for sensor identification
C
anom, tc_anom
dependent of individual production calibration results
D
tc_offset_1
dependent of individual production calibration results
E
tc_offset_2
dependent of individual production calibration results
F
CRC16
dependent of individual programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com