Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMA200 Datasheet HTML 1Page - NXP Semiconductors KMA200 Datasheet HTML 2Page - NXP Semiconductors KMA200 Datasheet HTML 3Page - NXP Semiconductors KMA200 Datasheet HTML 4Page - NXP Semiconductors KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
9397 750 11399
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 16 August 2005
2 of 31
Philips Semiconductors
KMA200
Programmable angle sensor
1.3 Quick reference data
[1]
Diagnosis GND and VDD lost only possible with a pull-up resistor of 5 kΩ to 6 kΩ.
[2]
Diagnosis VDD lost only possible with a pull-down resistor of 5 kΩ to 6 kΩ.
[3]
Load resistor required to enable the diagnosis features. Infinite resistor load permitted for normal operation without the diagnosis
features.
2.
Pinning information
[1]
The other pins and lead frame parts must not be electrical connected. For operation of the device the
external pins must/have to be used.
3.
Ordering information
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage - normal operation
4.5
5.0
5.5
V
VDD(pr)
programming supply voltage - EEPROM
12
12.5
13
V
Tamb
ambient temperature < 1000 hours in life time
at 160
°C
−40
-
+160
°C
Tamb(pr)
programming ambient temperature - EEPROM
10
-
70
°C
CL
load capacitance
at pin 2 and pin 3
0.1
-
27
nF
RL(pu)
pull-up load resistance
[1] 5-
∞
k
Ω
RL(pd)
pull-down load resistance
[2] [3] 5
-
10
k
Ω
Cext
external capacitance between VDD and GND
conducted closely to
supply pins of KMA200
82
-
120
nF
Table 2:
Pinning
Pin
Symbol
Description
[1] Simplified outline
1VDD
supply voltage
2
DATA/OUT1
data I/O
analog output 1
3
CLK/OUT2
data clock
analog output 2
4
GND
ground
5
CS
chip select
(used for data transfer I/O)
12345
Table 3:
Ordering information
Type number
Package
Name
Description
Version
KMA200
-
plastic single-ended multi-chip package;
6 interconnections; 5 in-line leads
SOT637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com