Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors KMA200 Datasheet HTML 16Page - NXP Semiconductors KMA200 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
9397 750 11399
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 16 August 2005
13 of 31
Philips Semiconductors
KMA200
Programmable angle sensor
10. Characteristics
Table 7:
Characteristics
In homogenous magnetic field at saturation field strength of minimum 35 kA/m and external capacitance Cext between VDD
and GND. Tamb = −40 °C to +160 °C; VDD = 4.5 V to 5.5 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage and operation currents
VDD
supply voltage - normal
operation
4.5
5.0
5.5
V
VDD(pr)
programming supply voltage -
EEPROM
12
12.5
13
V
IDD
supply current
for normal operation mode
5
-
12
mA
CL
load capacitance
at pin 2 and pin 3
0.1
-
27
nF
RL(pu)
pull-up load resistance
[1] 5-
∞
k
Ω
RL(pd)
pull-down load resistance
[2] [3] 5
-
10
k
Ω
Cext
external capacitance between
VDD and GND
conducted closely to supply pins of
KMA200
82
-
120
nF
Power-on reset
VDDon
switch-on threshold voltage
KMA200 switches on if
VDD >VDDon
3.1
3.75
4.45
V
VDDoff
switch-off threshold voltage
KMA200 switches off if
VDD <VDDoff
2.9
-
4.4
V
Vhys
hysteresis voltage
Vhys = VDDon − VDDoff
0.05
-
0.6
V
System performance
Analog output VOUT1: standard output
VOUT1(nom)
nominal output voltage range on
pin OUT1
5
-
95
%VDD
VO(ldr)
lower diagnostic range output
voltage
on OUT1
0
-
4
%VDD
VO(udr)
upper diagnostic range output
voltage
on OUT1
96
-
100
%VDD
αmax
maximum angle
programmable from 0
° to angle
range
α
max EEPROM address 3
0.1
-
180
deg
V(CL)u
upper clamping voltage level
setting by EEPROM address 9
69.5
-
95
%VDD
V(CL)l
lower clamping voltage level
setting by EEPROM address 9
5
-
30.5
%VDD
αres
angle resolution
4608 counts in nominal output
voltage range (clamping level
5%VDD to 95 %VDD)
[4] -
0.04
0.05
deg
No
output noise
peak to peak, 25 ms measurement
time
[4] -
-
0.1
deg
∆V(CL)
clamping voltage variation
at 5 %VDD and 95 %VDD
[4]
−0.3
-
+0.3
%VDD
∆ϕ
lin
angle linearity error
normal operation mode, deviation
from reference line
[4]
−1.65
-
+1.65
deg
∆ϕT
angle temperature drift
valid for temperature range
−25 °C
up to +125
°C (3 sigma)
[4] [5]
−0.64
-
+0.64
deg
∆ϕµlin
microlinearity
deviation at an angle step of 1
°
[4]
−0.1
-
+0.1
°/1°
∆ϕhys
hysteresis
absolute value
[4] 0
-
0.088
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com