Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF278
Description  VHF push-pull power MOS transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF278 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF278 Datasheet HTML 8Page - NXP Semiconductors BLF278 Datasheet HTML 9Page - NXP Semiconductors BLF278 Datasheet HTML 10Page - NXP Semiconductors BLF278 Datasheet HTML 11Page - NXP Semiconductors BLF278 Datasheet HTML 12Page - NXP Semiconductors BLF278 Datasheet HTML 13Page - NXP Semiconductors BLF278 Datasheet HTML 14Page - NXP Semiconductors BLF278 Datasheet HTML 15Page - NXP Semiconductors BLF278 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
1996 Oct 21
12
Philips Semiconductors
Product Specification
VHF push-pull power MOS transistor
BLF278
Fig.14 Input impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 50 V; IDQ =2 × 0.1 A;
RGS =4 Ω (per section); PL = 300 W.
handbook, halfpage
25
75
125
f (MHz)
175
2
1
Zi
(
Ω)
ri
xi
−1
−2
0
MGE685
Fig.15 Load impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 50 V; IDQ =2 × 0.1 A;
RGS =4 Ω (per section); PL = 300 W.
handbook, halfpage
25
75
125
f (MHz)
175
8
6
ZL
(
Ω)
XL
RL
2
0
4
MGE686
Fig.16 Definition of MOS impedance.
handbook, halfpage
MBA379
Zi
ZL
Fig.17 Power gain as a function of frequency,
typical values per section.
Class-B operation; VDS = 50 V; IDQ =2 × 0.1 A;
RGS =4 Ω (per section); PL = 300 W.
handbook, halfpage
25
30
20
10
0
75
125
175
MGE687
f (MHz)
Gp
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com