Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF278
Description  VHF push-pull power MOS transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF278 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF278 Datasheet HTML 1Page - NXP Semiconductors BLF278 Datasheet HTML 2Page - NXP Semiconductors BLF278 Datasheet HTML 3Page - NXP Semiconductors BLF278 Datasheet HTML 4Page - NXP Semiconductors BLF278 Datasheet HTML 5Page - NXP Semiconductors BLF278 Datasheet HTML 6Page - NXP Semiconductors BLF278 Datasheet HTML 7Page - NXP Semiconductors BLF278 Datasheet HTML 8Page - NXP Semiconductors BLF278 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1996 Oct 21
2
Philips Semiconductors
Product Specification
VHF push-pull power MOS transistor
BLF278
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Broadcast transmitters in the VHF frequency range.
DESCRIPTION
Dual push-pull silicon N-channel enhancement mode
vertical D-MOS transistor encapsulated in a 4-lead,
SOT262A1 balanced flange package with two ceramic
caps. The mounting flange provides the common source
connection for the transistors.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT262A1
PIN
SYMBOL
DESCRIPTION
1d1
drain 1
2d2
drain 2
3g1
gate 1
4g2
gate 2
5
s
source
Fig.1 Simplified outline and symbol.
12
34
MAM098
Top view
55
d
g
s
d
g
QUICK REFERENCE DATA
RF performance at Th =25 °C in a push-pull common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
108
50
300
>20
>60
CW, class-C
108
50
300
typ. 18
typ. 80
CW, class-AB
225
50
250
>14
typ. 16
>50
typ. 55
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com