Electronic Components Datasheet Search
  English  ▼

X  

BLF278 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF278
Description  VHF push-pull power MOS transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF278 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF278 Datasheet HTML 9Page - NXP Semiconductors BLF278 Datasheet HTML 10Page - NXP Semiconductors BLF278 Datasheet HTML 11Page - NXP Semiconductors BLF278 Datasheet HTML 12Page - NXP Semiconductors BLF278 Datasheet HTML 13Page - NXP Semiconductors BLF278 Datasheet HTML 14Page - NXP Semiconductors BLF278 Datasheet HTML 15Page - NXP Semiconductors BLF278 Datasheet HTML 16Page - NXP Semiconductors BLF278 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
1996 Oct 21
13
Philips Semiconductors
Product Specification
VHF push-pull power MOS transistor
BLF278
Class-AB operation
RF performance in CW operation in a common source push-pull test circuit. Th =25 °C; Rth mb-h = 0.15 K/W unless
otherwise specified. RGS = 2.8 Ω per section; optimum load impedance per section = 0.74 + j2 Ω; (VDS = 50 V).
Ruggedness in class-AB operation
The BLF278 is capable of withstanding a load mismatch corresponding to VSWR =7:1 through all phases under the
conditions: VDS = 50 V; f = 225 MHz at rated output power.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
Gp
(dB)
η
D
(%)
CW, class-AB
225
50
2
× 0.5
250
>14
typ. 16
>50
typ. 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com