Electronic Components Datasheet Search
  English  ▼

X  

BLF378 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF378 Datasheet HTML 3Page - NXP Semiconductors BLF378 Datasheet HTML 4Page - NXP Semiconductors BLF378 Datasheet HTML 5Page - NXP Semiconductors BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors BLF378 Datasheet HTML 10Page - NXP Semiconductors BLF378 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Jul 29
7
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF378
Fig.9
Power gain as a function of load power;
typical values per section.
Class-AB operation; VDS = 50 V; IDQ =2 × 0.5 A; f = 225 MHz;
ZL = 0.74 + j2 Ω (per section); RGS = 2.8 Ω (per section).
(1) Th =25 °C.
(2) Th =70 °C.
handbook, halfpage
0
100
200
300
20
0
10
MGE614
Gp
(dB)
PL (W)
(2)
(1)
Fig.10 Efficiency as a function of load power;
typical values per section.
Class-AB operation; VDS = 50 V; IDQ =2 × 0.5 A; f = 225 MHz;
ZL = 0.74 + j2 Ω (per section); RGS = 2.8 Ω (per section).
(1) Th =25 °C.
(2) Th =70 °C.
handbook, halfpage
0
60
40
ηD
(%)
20
0
100
200
PL (W)
300
MGE612
(2)
(1)
Fig.11 Load power as a function of input power;
typical values per section.
Class-AB operation; VDS = 50 V; IDQ =2 × 0.5 A; f = 225 MHz;
ZL = 0.74 + j2 Ω (per section); RGS = 2.8 Ω (per section).
(1) Th =25 °C.
(2) Th =70 °C.
handbook, halfpage
0
5
10
15
400
300
100
0
200
MGE613
PL
(W)
Pi (W)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com