Electronic Components Datasheet Search
  English  ▼

X  

BLF378 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF378 Datasheet HTML 5Page - NXP Semiconductors BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors BLF378 Datasheet HTML 10Page - NXP Semiconductors BLF378 Datasheet HTML 11Page - NXP Semiconductors BLF378 Datasheet HTML 12Page - NXP Semiconductors BLF378 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Jul 29
9
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF378
List of components class-AB test circuit (see Figs 12 and 13).
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C2
multilayer ceramic chip capacitor;
note 1
27 pF, 500 V
C3, C4, C31, C32
multilayer ceramic chip capacitor;
note 1
3
× 18 pF in
parallel, 500 V
C5
film dielectric trimmer
4 to 40 pF
2222 809 08002
C6, C30
film dielectric trimmer
2 to 18 pF
2222 809 09006
C7
multilayer ceramic chip capacitor;
note 1
100 pF, 500 V
C8, C9, C15, C18
MKT film capacitor
1
µF, 63 V
2222 371 11105
C10, C13, C14,
C19, C36
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C11, C12
multilayer ceramic chip capacitor;
note 1
2
× 1 nF in
parallel, 500 V
C16, C17
electrolytic capacitor
220
µF, 63 V
C20
multilayer ceramic chip capacitor;
note 1
3
× 33 pF in
parallel, 500 V
C21
film dielectric trimmer
2 to 9 pF
2222 809 09005
C22, C27, C37,
C38
multilayer ceramic chip capacitor;
note 1
1 nF, 500 V
C23, C26, C35
electrolytic capacitor
10
µF, 63 V
C24, C25
multilayer ceramic chip capacitor;
note 1
2
× 470 pF in
parallel, 500 V
C28
multilayer ceramic chip capacitor;
note 1
2
× 10 pF in
parallel + 18 pF,
500 V
C29
multilayer ceramic chip capacitor;
note 1
2
× 5.6 pF in
parallel, 500 V
C33, C34
multilayer ceramic chip capacitor;
note 1
5.6 pF, 500 V
L1, L3, L22, L24
stripline; note 2
50
Ω
4.8
× 80 mm
L2, L23
semi-rigid cable; note 3
50
Ω
ext. conductor
length 80 mm
ext. dia 3.6 mm
L4, L5
stripline; note 2
43
Ω
6
× 24 mm
L6, L7
stripline; note 2
43
Ω
6
× 14.5 mm
L8, L9
stripline; note 2
43
Ω
6
× 4.4 mm
L10, L11
stripline; note 2
43
Ω
6
× 3.2 mm
L12, L13
stripline; note 2
43
Ω
6
× 15 mm
L14, L17
grade 3B Ferroxcube wideband HF
choke
2 in parallel
4312 020 36642
L15, L16
13
⁄4 turns enamelled 2 mm copper
wire
40 nH
space 1 mm
int. dia. 10 mm
leads 2
× 7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com