Electronic Components Datasheet Search
  English  ▼

X  

BLF378 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF378
Description  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF378 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF378 Datasheet HTML 1Page - NXP Semiconductors BLF378 Datasheet HTML 2Page - NXP Semiconductors BLF378 Datasheet HTML 3Page - NXP Semiconductors BLF378 Datasheet HTML 4Page - NXP Semiconductors BLF378 Datasheet HTML 5Page - NXP Semiconductors BLF378 Datasheet HTML 6Page - NXP Semiconductors BLF378 Datasheet HTML 7Page - NXP Semiconductors BLF378 Datasheet HTML 8Page - NXP Semiconductors BLF378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Jul 29
3
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF378
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor section unless otherwise specified
VDSS
drain-source voltage
−
110
V
VGSS
gate-source voltage
−±20
V
ID
drain current (DC)
−
18
A
Ptot
total power dissipation Tmb ≤ 25 °C total device; both sections equally loaded −
500
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base total device; both sections
equally loaded
0.35
K/W
Rth mb-h
thermal resistance from mounting base to heatsink total device; both sections
equally loaded
0.15
K/W
Fig.2 DC SOAR.
Total device; both sections equally loaded.
(1) Current is this area may be limited by RDSon.
(2) Tmb =25 °C.
handbook, halfpage
1
10
100
1
10
100
(1)
500
I
D
(A)
V
(V)
DS
MRA988
(2)
Fig.3 Power derating curves.
Total device; both sections equally loaded.
(1) Continuous operation.
(2) Short-time operation during mismatch.
handbook, halfpage
0
40
80
160
500
0
400
MGE616
120
300
200
100
Ptot
(W)
Th (°C)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com